Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4827-A10 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4827-A10
Description  BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4827-A10 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4827-A10 Datasheet HTML 7Page - Silicon Laboratories SI4827-A10 Datasheet HTML 8Page - Silicon Laboratories SI4827-A10 Datasheet HTML 9Page - Silicon Laboratories SI4827-A10 Datasheet HTML 10Page - Silicon Laboratories SI4827-A10 Datasheet HTML 11Page - Silicon Laboratories SI4827-A10 Datasheet HTML 12Page - Silicon Laboratories SI4827-A10 Datasheet HTML 13Page - Silicon Laboratories SI4827-A10 Datasheet HTML 14Page - Silicon Laboratories SI4827-A10 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Si4827-A10
Rev. 1.0
11
2. Typical Application Schematic
Notes:
1.
Place C4 close to VDD and GND pins.
2.
All grounds connect directly to GND plane on PCB.
3.
Pin 5 leave floating.
4.
To ensure proper operation and receiver performance, follow the guidelines in “AN602: Si4822/26/27/40/44 Antenna,
Schematic, Layout, and Design Guidelines.” Silicon Labs will evaluate the schematics and layouts for qualified
customers.
5.
Pin 6 connects to the FM antenna interface and pin 8 connects to the AM antenna interface.
6.
Place Si4827 as close as possible to antenna jack and keep the FMI and AMI traces as short as possible.
7.
Recommend keeping the AM ferrite loop antenna at least 5 cm away from the Si4827.
8.
Keep the AM ferrite loop antenna away from MCU, audio amplifier, and other circuits which have AM interference.
9.
Place the transformer T1 away from any sources of interference and even away from the I/O signals of the Si4827.
5
RFGND
Optional: AM air loop antenna
2.0 TO 3.6V
Optional
FM
AM
BAND
Optional
To host MCU
To host MCU
SW
Y1
32.768KHz
C2
22p
C3
22p
C5
0.47u
ANT2
T1
C
0.47u
C4
0.1u
C1
0.1u
VR1
100k
12
3
4
S1
R2
50k 1%
R3
180k 1%
R4
67k 1%
R1
203k 1%
IRQ
FMI
AOUT
AMI
VDD
TUNE1
SCLK
SDIO
RESET


Similar Part No. - SI4827-A10

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4827-A10-CS SKYWORKS-SI4827-A10-CS Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Similar Description - SI4827-A10

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4840-A10 SILABS-SI4840-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com