Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4831-B30 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4831-B30
Description  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4831-B30 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4831-B30 Datasheet HTML 6Page - Silicon Laboratories SI4831-B30 Datasheet HTML 7Page - Silicon Laboratories SI4831-B30 Datasheet HTML 8Page - Silicon Laboratories SI4831-B30 Datasheet HTML 9Page - Silicon Laboratories SI4831-B30 Datasheet HTML 10Page - Silicon Laboratories SI4831-B30 Datasheet HTML 11Page - Silicon Laboratories SI4831-B30 Datasheet HTML 12Page - Silicon Laboratories SI4831-B30 Datasheet HTML 13Page - Silicon Laboratories SI4831-B30 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Si4831/35-B30
10
Rev. 1.0
4. Functional Description
Figure 2. Si4831/35-B30 Functional Block Diagram
4.1. Overview
The Si4831/35-B30 is the industry's most advanced
fully
integrated,
mechanical-tuned
100%
CMOS
AM/FM/SW radio receiver IC. Offering unmatched
integration and PCB space savings, the Si4831/35-B30
requires minimum external components and a small
board area. The Si4831/35-B30 AM/FM/SW radio
provides space savings and low power consumption
while delivering the high performance and design
simplicity desired for all AM/FM/SW solutions.
Leveraging Silicon Laboratories' proven and patented
digital low intermediate frequency (low-IF) receiver
architecture, the Si4831/35-B30 delivers superior RF
performance and interference rejection in AM, FM, and
SW bands. The high integration and complete system
production test simplifies design-in, increases system
quality, and improves manufacturability.
4.2. FM Receiver
The Si4831/35-B30 integrates a low noise amplifier
(LNA) supporting the worldwide FM broadcast band (64
to 109 MHz).
Pre-emphasis and de-emphasis is a technique used by
FM broadcasters to improve the signal-to-noise ratio of
FM receivers by reducing the effects of high frequency
interference and noise. When the FM signal is
transmitted, a pre-emphasis filter is applied to
accentuate the high audio frequencies. All FM receivers
incorporate a de-emphasis filter which attenuates high
frequencies to restore a flat frequency response. Two
time constants are used in various regions. The de-
emphasis time constant can be chosen to be 50 or
75 µs. Refer to "AN555: Si483x-B Antenna, Schematic,
Layout, and Design Guidelines."
The Si4831/35-B30 also has advanced stereo blending
that employs adaptive noise suppression. As a signal
quality
degrades,
the
Si4831/35-B30
gradually
combines the stereo left and right audio channels to a
mono audio signal to maintain optimum sound fidelity
under varying reception conditions. The Si4831/35-B30
can drive a stereo light with the stereo/mono information
so that the user can easily discern the signal quality.
Si4830/34
ADC
ADC
DSP
DAC
DAC
ROUT
LOUT
AFC
Si4831/35
RFGND
LNA
AMI
AGC
REG
VDD1/2
2.0~3.6V
XTAL
OSC
FMI
0/90
ADC
XTALI
AM
ANT
FM/SW
ANT
CONTROL
INTERFACE
TUNE 1/2
BAND


Similar Part No. - SI4831-B30

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Skyworks Solutions Inc.
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4831-B30-GU SKYWORKS-SI4831-B30-GU Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results

Similar Description - SI4831-B30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com