Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE60A1203F01 Datasheet(PDF) 4 Page - SL Power Electronics

Part # TE60A1203F01
Description  60W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE60A1203F01 Datasheet(HTML) 4 Page - SL Power Electronics

  TE60A1203F01 Datasheet HTML 1Page - SL Power Electronics TE60A1203F01 Datasheet HTML 2Page - SL Power Electronics TE60A1203F01 Datasheet HTML 3Page - SL Power Electronics TE60A1203F01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TE60
60W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE60 Rev 2.5
13-JAN-16
4
Connector Information
Standard models include a 2.5 x 5.5 x 9.5mm straight barrel type connector (Ault #3), center positive. Other standard options are listed below.
The “03” in the standard model number is replaced by the applicable digits below:
Efficiency Level VI Information:
Data Sheet © 2016 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
TE60A Series


Similar Part No. - TE60A1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE60A1203F01 SLPOWER-TE60A1203F01 Datasheet
828Kb / 6P
   60W Single Output External Power
More results

Similar Description - TE60A1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
   60W Single Output External Power
ME60 SLPOWER-ME60_16 Datasheet
633Kb / 4P
   60W Single Output External Power
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
Mean Well Enterprises C...
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60_12 Datasheet
216Kb / 3P
   60W Single Output Switching Power Supply
HLG-60H_1108 MEANWELL-HLG-60H_1108 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com