Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE40A1803B01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # TE40A1803B01
Description  40W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE40A1803B01 Datasheet(HTML) 2 Page - SL Power Electronics

  TE40A1803B01 Datasheet HTML 1Page - SL Power Electronics TE40A1803B01 Datasheet HTML 2Page - SL Power Electronics TE40A1803B01 Datasheet HTML 3Page - SL Power Electronics TE40A1803B01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TE40
40W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE40 Rev 1.3 11-JAN-16
PRELIMINARY
2
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
Turn On Time
Less than 700mS @115Vac, full load
Input Current
115Vac: 1.2A, 230Vac: 0.6A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 40A
Overtemperature
Protection
Will shutdown upon an overtemperature
condition, auto-recovery.
Input Fuses
2.0A, 250Vac
Overload Protection
130% - 160%, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
Meets US DoE Efficiency Level VI Average
efficiency levels
Overvoltage
Protection
Hiccup Mode. See models chart for trip
ranges.
Output Power
40W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
4000Vac
Input-Ground:
1500Vac
Output-Ground: 1500Vac
No Load Input
Power
<0.1W per DoE Efficiency Level VI
Requirements
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition, Am 2
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +50°C
Start Up at -40°C, full load, (warmup period before
all parameters are within published specifications).
Output Voltage
See models chart on pg 1.
Temperature
Derating
Derate output power above 40°C to TBD at
50°C
Transient
Response
500
µs response time for return to within 0.5%
of final value for any 50% load step over the
range of 5% to 100% of rated load,
∆i/∆t<
0.2A/
µs. Max. voltage deviation is +/-3.5%.
Storage Temperature
-40°C to +85°C
Regulation
See models chart on pg 1.
Altitude
Operating: to 5000m.
Non-operating: -500 to 40,000 ft.
Drop Test
1.4m from table top to wooden platform, 6
faces.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis, 1-500Hz.
Non-Oper.: random waveform, 3 minutes per
axis, 3 axes and Sine waveform, Vib.
frequency/acceleration: 10-500Hz/1g, sweep
rate of 1 octave / minutes, Vibration time of 10
sweeps / axes, 3 axes
Shock
Operating: Half-sine, 20gpk, 10mS, 3 axes,
6 shocks total
Non-Operating: Half-sine waveform, impact
acceleration of 100G, Pulse duration of 6
mS, Number of shocks: 3 for each of the
three axis
Dimensions
See outline drawings
MTBF
>250,000 hours, full load, 110 & 220Vac
input, 25
°C amb., per Telcordia 332 Issue 6.
Weight
250g
E-Cap Life
>7 year life based on calculations at
115Vac/60Hz & 230Vac/50Hz, ambient 25°C
at 24 hrs per day, 365 days/year, 6 power up
cycles per day. (@80% load for the 12V model)
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - TE40A1803B01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE40A1803B01 SLPOWER-TE40A1803B01 Datasheet
764Kb / 5P
   40W Single Output External Power
More results

Similar Description - TE40A1803B01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40 SLPOWER-ME40_16 Datasheet
483Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40_16 Datasheet
764Kb / 5P
   40W Single Output External Power
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com