Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFY196 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFY196
Description  HiRel NPN Silicon RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFY196 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFY196 Datasheet HTML 1Page - Infineon Technologies AG BFY196 Datasheet HTML 2Page - Infineon Technologies AG BFY196 Datasheet HTML 3Page - Infineon Technologies AG BFY196 Datasheet HTML 4Page - Infineon Technologies AG BFY196 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFY196
Semiconductor Group
3 of 5
Draft B, September 99
Electrical Characteristics (continued)
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Base-Emitter forward voltage
IE = 50 mA, IC = 0
VFBE
--
1
V
DC current gain
IC = 50 mA, VCE = 8 V
hFE
50
100
175
-
AC Characteristics
Transition frequency
IC = 70 mA, VCE = 5 V, f = 500 MHz
fT
66.5
-
GHz
Collector-base capacitance
VCB = 10 V, VBE = vbe = 0, f = 1 MHz
CCB
-1
1.3
pF
Collector-emitter capacitance
VCE = 10 V, VBE = vbe = 0, f = 1 MHz
CCE
-0.44
-
pF
Emitter-base capacitance
VEB = 0.5V, VCB = vcb = 0, f = 1 MHz
CEB
-3,6
4,3
pF
Noise Figure
IC = 20 mA, VCE = 5 V, f = 2 GHz,
ZS = ZSopt
F-
3
3.5
dB
Power gain
IC = 70 mA, VCE = 5V, f = 2 GHz
ZS = ZSopt , ZL= ZLopt
Gma
1.)
10
11
-
dB
Transducer gain
IC = 70 mA, VCE = 5 V, f = 2 GHz
ZS = ZL = 50
|S21e|
2
45
-
dB
Output Power
IC = 80 mA, VCE = 5 V, f = 2 GHz ,
PIN=15 dBm, ZS = ZL = 50
POUT
18.5
19.5
-
dBm
Notes.:
1)
G
S
S
kk
ma =−
21
12
1
2
() ,
G
S
S
ms =
21
12


Similar Part No. - BFY196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
logo
Infineon Technologies A...
BFY196 INFINEON-BFY196 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY196 INFINEON-BFY196_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
More results

Similar Description - BFY196

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY182 INFINEON-BFY182 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 1999
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
   HiRel NPN Silicon RF Transistor
Jul. 0101
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405 Datasheet
434Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY183 INFINEON-BFY183_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY180 INFINEON-BFY180 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com