Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFY182ES Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFY182ES
Description  HiRel NPN Silicon RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFY182ES Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFY182ES Datasheet HTML 1Page - Infineon Technologies AG BFY182ES Datasheet HTML 2Page - Infineon Technologies AG BFY182ES Datasheet HTML 3Page - Infineon Technologies AG BFY182ES Datasheet HTML 4Page - Infineon Technologies AG BFY182ES Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFY182
Semiconductor Group
1 of 5
Draft B, September 1999
HiRel NPN Silicon RF Transistor
HiRel Discrete and Microwave Semiconductor
For low noise, high-gain broadband amplifiers at collector
currents from 1 mA to 20 mA.
Hermetically sealed microwave package
f
T= 8 GHz
F = 2.4 dB at 2 GHz
Space Qualified
ESA/SCC Detail Spec. No.: 5611/006
Type Variant No. 04
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering Code
Pin Configuration
Package
BFY182 (ql)
-
see below
C
EBEMicro-X1
(ql) Quality Level:
P: Professional Quality,
Ordering Code:
Q62702F1608
H: High Rel Quality,
Ordering Code:
on request
S: Space Quality,
Ordering Code:
on request
ES: ESA Space Quality,
Ordering Code:
Q62702F1714
(see order instructions for ordering example)
12
3
4


Similar Part No. - BFY182ES

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Infineon Technologies A...
BFY182 INFINEON-BFY182 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
More results

Similar Description - BFY182ES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
   HiRel NPN Silicon RF Transistor
Jul. 0101
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405 Datasheet
434Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY183 INFINEON-BFY183_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY180 INFINEON-BFY180 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com