Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53515EVM-587 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS53515EVM-587
Description  High Performance 12-A, Single-Synchronous, Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53515EVM-587 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53515EVM-587 Datasheet HTML 4Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 5Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 6Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 7Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 8Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 9Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 10Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 11Page - Texas Instruments TPS53515EVM-587 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Test Procedure
www.ti.com
6.3
VDD Pin Supply Selection
The controller can be enabled and disabled by J7.
Table 4. Enable Selection
SET ON CONNECTION
ENABLE SELECTION
R19 = 0
Ω
(1)
VDD pin connected to VIN pins
(1)
R19 = Open
VDD pin disconnected to VIN pins
(1)
Default setting: the VDD pin connected to the VIN pins through R19.
For power-up, input J7 with proper voltage. The VDD pin input voltage range is from 4.5 V to 25 V.
7
Test Procedure
7.1
Line and Load Regulation and Efficiency Measurement Procedure
1. Set up the EVM as described in Section 5 and Figure 3.
2. Ensure the load is set to constant-resistance mode and to sink at 0 ADC.
3. Ensure all jumper setting are configured as shown in Section 6.
4. Ensure the jumper provided in the EVM shorts on J2 before VIN is applied.
5. Increase VIN from 0 to 12 V. Use V1 to measure input voltage.
6. Remove the jumper on J2 to enable the controller.
7. Use V2 to measure the VOUT voltage.
8. Vary the load from 0 to 10 ADC, VOUT must remain in load regulation.
9. Vary VIN from 8 to 14 V, VOUT must remain in line regulation.
10. To disable the converter, place the jumper on J2.
11. Decrease the load to 0 A
12. Decrease VIN to 0 V.
7.2
Control-Loop Gain and Phase-Measurement Procedure
The TPS53515EVM-PWR587 contains a 10-
Ω series resistor in the feedback loop for loop response
analysis.
1. Set up the EVM as described in Section 5 and Figure 3.
2. Connect the isolation transformer to the test points marked TP5 and TP8.
3. Connect the input-signal amplitude-measurement probe (channel A) to TP10. Connect the output-
signal amplitude-measurement probe (channel B) to TP11.
4. Connect the ground lead of channel A and channel B to TP15.
5. Inject around 20 mV or less signal through the isolation transformer.
6. To measure control-loop gain and phase margin, change the frequency from 100 Hz to 1 MHz using a
10-Hz or less post filter.
7. Disconnect the isolation transformer from the bode-plot test points before making other measurements.
Signal injection into feedback can interfere with the accuracy of other measurements.
8
High Performance 12-A, Single-Synchronous, Step-Down Converter Using
SLUUAS1B – October 2013 – Revised February 2014
the TPS53515EVM-PWR587
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Similar Part No. - TPS53515EVM-587

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515RVER TI1-TPS53515RVER Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515RVET TI1-TPS53515RVET Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS53515EVM-587

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53513EVM-587 TI-TPS53513EVM-587 Datasheet
566Kb / 21P
[Old version datasheet]   High Performance 8-A Single Synchronous Step-Down Converter
logo
uPI Group Inc.
UP9625 UPI-UP9625 Datasheet
352Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9620 UPI-UP9620 Datasheet
338Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
UP6019 UPI-UP6019 Datasheet
287Kb / 14P
   High Performance Single Synchronous Step-Up Converter
UP6020 UPI-UP6020 Datasheet
206Kb / 12P
   High Performance,Single Synchronous Step-Up Converter
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
logo
uPI Group Inc.
UP6018P UPI-UP6018P Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018Q UPI-UP6018Q Datasheet
707Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018 UPI-UP6018 Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com