Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61291EVM-569 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61291EVM-569
Description  TPS61291EVM-569 Evaluation Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61291EVM-569 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61291EVM-569 Datasheet HTML 3Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 4Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 5Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 6Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 7Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 8Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 9Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 10Page - Texas Instruments TPS61291EVM-569 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1
2
J1
1
2
J2
1
2
J3
1
2
J4
1
2
J5
1
2
J6
VIN
0.9V to 5.0V
S+
S-
GND
GND
S+
S-
VOUT
100µF
C5
1
2
3
JP1
ON
EN/BYP
BYP
1
2
3
JP2
HIGH
VSEL
LOW
C6
C4
VSEL
VOUT
----------------------------
HIGH
3.0V
Floating
2.5V
LOW
3.3V
L
1
VOUT
2
VIN
3
EN/BYP
4
VSEL
5
GND
6
PAD
U1
TPS61291DRV
2.5V/3V/3.3V
VIN
VOUT
C3
VOUT
VIN
10µF
C1
22µF
C2
1
Not Installed
1
1
1
TP1
L1
VLF302515MT-3R3M
www.ti.com
Schematic and Bill of Materials
5
Schematic and Bill of Materials
This section provides the TPS61291EVM-569 schematic and bill of materials (BOM).
5.1
Schematic
Figure 5 illustrates the EVM schematic.
Figure 5. TPS61291EVM-569 Schematic
5.2
Bill of Materials
Table 2 lists the BOM for this EVM.
Table 2. TPS61291EVM-569 Bill of Materials
Count
RefDes
Value
Description
Size
Part Number
MFR
1
C1
10uF
Capacitor, Ceramic, X5R, 10V,
0805
GRM219R61A106KE44D
Murata
10%
1
C2
22uF
Capacitor, Ceramic, X5R, 6.3V,
0805
GRM21BR60J226ME39L
Murata
20%
1
C5
100uF
Capacitor, Ceramic, X5R, 6.3V,
1210
GRM32ER60J107ME20L
Murata
20%
1
L1
3.3uH
Inductor, SMT, 1.23A, 60-m
Ω
3 mm x 2.5 mm
VLF302515MT-3R3M
TDK
1
U1
TPS61291
IC, Low I
Q Boost Converter with
2 mm x 2 mm
TPS61291DRV
TI
Bypass Operation
The TPS61291EVM-569 may be populated with TPS61291 (U1) devices that do not contain the correct
top side markings on the top of the device itself. These devices are still fully-tested TPS61291 devices.
7
SLVUA29 – September 2014
TPS61291EVM-569 Evaluation Module
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TPS61291EVM-569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291 TI1-TPS61291 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291DRVR TI1-TPS61291DRVR Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291DRVT TI1-TPS61291DRVT Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291 TI1-TPS61291_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
More results

Similar Description - TPS61291EVM-569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com