Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG3140R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BG3140R
Description  DUAL N-Channel MOSFET Tetrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BG3140R Datasheet(HTML) 1 Page - Infineon Technologies AG

  BG3140R Datasheet HTML 1Page - Infineon Technologies AG BG3140R Datasheet HTML 2Page - Infineon Technologies AG BG3140R Datasheet HTML 3Page - Infineon Technologies AG BG3140R Datasheet HTML 4Page - Infineon Technologies AG BG3140R Datasheet HTML 5Page - Infineon Technologies AG BG3140R Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Feb-27-2004
1
BG3140...
VPS05604
6
3
1
5
4
2
DUAL N-Channel MOSFET Tetrode
• Low noise gain controlled input stages of UHF-
and VHF-tuners with 5V supply voltage
• Two AGC amplifiers in one single package
• Integrated gate protection diodes
• Low noise figure
• High gain, high forward transadmittance
• Improved cross modulation at gain reduction
• High AGC-range
BG3140
BG3140R
EHA07461
GND
G1
G2
Drain
AGC
HF
Input
HF Output
+DC
GG
V
G1
R
A
B
4
5
6
1
2
3
1
2
3
4
5
6
A
B
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Pin Configuration
Marking
BG3140
BG3140R
SOT363
SOT363
1=G1
1=G1
2=G2
2=S
3=D
3=D
4=D
4=D
5=S
5=G2
6=G1
6=G1
KDs
KKs
180° rotated tape loading orientation available
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source voltage
VDS
8
V
Continuous drain current
ID
25
mA
Gate 1/ gate 2-source current
±IG1/2SM
1
Gate 1/ gate 2-source voltage
±VG1/G2S
6
V
Total power dissipation, TS ≤78°C
Ptot
160
mW
Storage temperature
Tstg
-55 ... 150
°C
Channel temperature
Tch
150
Thermal Resistance
Parameter
Symbol
Value
Unit
Channel - soldering point1)
Rthchs
≤280
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BG3140R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BG3123 INFINEON-BG3123 Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3123 INFINEON-BG3123 Datasheet
102Kb / 12P
   DUAL N-Channel MOSFET Tetrode
2007-04-26
BG3123R INFINEON-BG3123R Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3123R INFINEON-BG3123R Datasheet
102Kb / 12P
   DUAL N-Channel MOSFET Tetrode
2007-04-26
BG3123 INFINEON-BG3123_07 Datasheet
102Kb / 12P
   DUAL N-Channel MOSFET Tetrode
2007-04-26
More results

Similar Description - BG3140R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BG3130 INFINEON-BG3130_07 Datasheet
88Kb / 10P
   DUAL N-Channel MOSFET Tetrode
2007-06-01
BG5412K INFINEON-BG5412K Datasheet
567Kb / 13P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG5130R INFINEON-BG5130R Datasheet
203Kb / 10P
   DUAL - N-Channel MOSFET Tetrode
2006-04-13
BG3123 INFINEON-BG3123 Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3430R INFINEON-BG3430R Datasheet
548Kb / 11P
   DUAL N-Channel MOSFET Tetrode
2009-10-01
BG5120K INFINEON-BG5120K Datasheet
562Kb / 10P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG3130 INFINEON-BG3130 Datasheet
168Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3230 INFINEON-BG3230 Datasheet
150Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3123 INFINEON-BG3123_07 Datasheet
102Kb / 12P
   DUAL N-Channel MOSFET Tetrode
2007-04-26
logo
New Jersey Semi-Conduct...
68380 NJSEMI-68380 Datasheet
106Kb / 1P
   N-Channel, Dual-Gate Tetrode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com