Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA416 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA416
Description  RF Cascode Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA416 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA416 Datasheet HTML 1Page - Infineon Technologies AG BGA416 Datasheet HTML 2Page - Infineon Technologies AG BGA416 Datasheet HTML 3Page - Infineon Technologies AG BGA416 Datasheet HTML 4Page - Infineon Technologies AG BGA416 Datasheet HTML 5Page - Infineon Technologies AG BGA416 Datasheet HTML 6Page - Infineon Technologies AG BGA416 Datasheet HTML 7Page - Infineon Technologies AG BGA416 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BGA416
Data sheet
5
Maximum Ratings
Notes:
All Voltages refer to GND-Node
1) Device current is equal to current into pin RFout
2) T
S is measured on the ground lead at the soldering point
Parameter
Symbol
Value
Unit
Voltage at pin RFout
V
OUT
6V
Current into pin RFin
I
IN
0.5
mA
Device current
1)
I
D
20
mA
Input power
P
IN
8dBm
Total power dissipation, T
S < 123°C
2)
P
tot
100
mW
Junction temperature
T
j
150
°C
Ambient temperature range
T
A
-65 ... +150
°C
Storage temperature range
T
STG
-65 ... +150
°C
Thermal resistance: junction-soldering point
R
th JS
270
K/W
Electrical Characteristics at T
A=25°C (measured in test circuit specified in fig. 1)
V
CC=3V, unless otherwise specified
Parameter
Symbol
min.
typ.
max.
Unit
Maximum available power gain
f=0.9GHz
f=1.8GHz
G
MA
23
14
dB
Insertion power gain
f=0.9GHz
f=1.8GHz
|S
21|
2
17
11
dB
Reverse isolation
f=0.9GHz
f=1.8GHz
|S
12|62
40
dB
Noise figure (Z
S=50Ω)
f=0.9GHz
f=1.8GHz
F
50
1.3
1.6
dB
Output power at 1dB gain compression
(Z
S=ZL=50Ω)
f=0.9GHz
f=1.8GHz
P
-1dB
-3
-3
dBm
Output third order intercept point
(Z
S=ZL=50Ω)
f=0.9GHz
f=1.8GHz
OIP
3
14
14
dBm
Device current
I
D
5.5
mA


Similar Part No. - BGA416

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
   RF Cascode Amplifier
Rev. 2.1, April 2008
More results

Similar Description - BGA416

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
   RF Cascode Amplifier
Rev. 2.1, April 2008
logo
Motorola, Inc
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
   SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
logo
NXP Semiconductors
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
   General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
   General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
logo
Freescale Semiconductor...
MBC13917 FREESCALE-MBC13917 Datasheet
1Mb / 40P
   General Purpose SiGe C RF Cascode Low Noise Amplifier
logo
NTE Electronics
NTE724 NTE-NTE724 Datasheet
25Kb / 3P
   Integrated Circuit Differential/Cascode Amplifier
logo
Motorola, Inc
MBC13916 MOTOROLA-MBC13916 Datasheet
396Kb / 12P
   General Purpose Sige:CRF Cascode Amplifier
logo
General Electric Compan...
6BS8 GEC-6BS8 Datasheet
509Kb / 5P
   TWIN TRIODE FOR VKF CASCODE AMPLIFIER APPLICATIONS
logo
UnitedSiC.
UF3C065030T3S UNITEDSIC-UF3C065030T3S Datasheet
503Kb / 12P
   650V-27mW SiC Cascode
Rev. C, June 2019
UF3C120150B7S UNITEDSIC-UF3C120150B7S Datasheet
415Kb / 10P
   1200V-150mW SiC Cascode
Rev. A, January 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com