Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37733EHBFS Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M37733EHBFS
Description  PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733EHBFS Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M37733EHBFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
M37733EHBXXXFP
M37733EHBFS
PROM VERSION OF M37733MHBXXXFP
FUNCTIONS OF M37733EHBXXXFP
Memory size
Input/Output ports
Parameter
Functions
Number of basic instructions
103
Instruction execution time
160 ns (the fastest instruction at external clock 25 MHz frequency)
PROM
124 Kbytes
RAM
3968 bytes
P0 – P2, P4 – P8
8-bit ! 8
P3
4-bit ! 1
TA0, TA1, TA2, TA3, TA4
16-bit ! 5
TB0, TB1, TB2
16-bit ! 3
Serial I/O
(UART or clock synchronous serial I/O) ! 3
A-D converter
10-bit ! 1 (8 channels)
Watchdog timer
12-bit ! 1
3 external types, 16 internal types
Each interrupt can be set to the priority level (0 – 7.)
2 circuits built-in (externally connected to a ceramic resonator or a
quartz-crystal oscillator)
Supply voltage
5 V ± 10%
Power dissipation
47.5 mW (at external clock 25 MHz frequency)
Input/Output voltage
5 V
Output current
5 mA
Memory expansion
Maximum 16 Mbytes
Operating temperature range
–20 to 85 °C
Device structure
CMOS high-performance silicon gate process
M37733EHBXXXFP
80-pin plastic molded QFP (80P6N-A)
M37733EHBFS
80-pin ceramic LCC (with a window) (80D0)
Interrupts
Clock generating circuit
Multi-function timers
Input/Output characteristic
Package


Similar Part No. - M37733EHBFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733EHBFS MITSUBISHI-M37733EHBFS Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37733EHBFS RENESAS-M37733EHBFS Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
More results

Similar Description - M37733EHBFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733EHBXXXFP MITSUBISHI-M37733EHBXXXFP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
logo
Mitsubishi Electric Sem...
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
M37733EHL MITSUBISHI-M37733EHL Datasheet
726Kb / 35P
   PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
   PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
M37736EHL MITSUBISHI-M37736EHL Datasheet
447Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
   PROM VERSION OF M37736EHBXXXGP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com