Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3310 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TS3310
Description  User-enabled Secondary Output Load Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3310 Datasheet(HTML) 1 Page - Silicon Laboratories

  TS3310 Datasheet HTML 1Page - Silicon Laboratories TS3310 Datasheet HTML 2Page - Silicon Laboratories TS3310 Datasheet HTML 3Page - Silicon Laboratories TS3310 Datasheet HTML 4Page - Silicon Laboratories TS3310 Datasheet HTML 5Page - Silicon Laboratories TS3310 Datasheet HTML 6Page - Silicon Laboratories TS3310 Datasheet HTML 7Page - Silicon Laboratories TS3310 Datasheet HTML 8Page - Silicon Laboratories TS3310 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TS3310
Page 1
© 2016 Silicon Laboratories, Inc. All rights reserved.
FEATURES
Ultra-Efficient Boost Converter:
Active Mode, No-load Supply Current: 150nA
Efficiency: Up to 92%
Input Voltage Range: 0.9V-5V
Delivers up to 35mA at 3VSTORE from 1.2VIN
Single-inductor, Discontinuous Conduction
Mode Operation
No External Schottky Diode Required
Pin-Selectable Output Voltages:
1.8V, 2.1V, 2.5V, 2.85V, 3V, 3.3V,
4.1V, and 5V
User-enabled Secondary Output Load Switch
10-Pin, Low-Profile, 2mm x 2mm TDFN Package
APPLICATIONS
Coin Cell-Powered Portable Equipment
Single Cell Li-ion or Alkaline Powered Equipment
Solar or Mechanical Energy Harvesting
Wireless Microphones
Wireless Remote Sensors
RFID Tags
Blood Glucose Meters
Personal Health-Monitoring Devices
ZigBee Radio Enabled Devices
Low-Energy Bluetooth Radio Enabled Devices
DESCRIPTION
The TS3310 is a low power boost switching regulator
with an industry leading low quiescent current of
150nA. The 150nA is the actual current consumed
from the battery while the output is in regulation. The
TS3310’s extremely low power internal circuitry
consumes 90nA on average, with periodic switching
cycles which service the load occurring at intervals of
up to 25 seconds, together yielding the average
150nA. The TS3310 steps up input voltages from
0.9V to 5V to eight selectable output voltages ranging
from 1.8V to 5V. The TS3310 includes two output
options, one being an always-on storage output while
the additional output is an output load switch that is
designed to supply burst-on loads in a low duty cycle
manner. The TS3310 operates in Discontinuous
Conduction Mode with an on-time proportional to
1/VIN, thereby limiting the maximum input current by
the selection of the inductor value, ensuring the input
current does not drag down the input source.
The extremely low quiescent current combined with
the output load switch make the TS3310 an ideal
choice for applications where the load can be
periodically powered from the output, while being
disconnected from the output storage capacitor when
the load is powered off to isolate the load’s leakage
current.
The TS3310 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
thermally-enhanced 10-pin 2x2mm TDFN package
with an exposed back-side paddle.
Efficiency vs STORE Current
IN=1.2V, STORE=3V
0.0001 0.001 0.01
0.1
1
10
100
ISTORE - mA
100
90
80
70
60
50
40
30
20
10
0
Circuit A
Circuit B
A True 150-nA IQ, 0.9-5VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TYPICAL APPLICATION CIRCUIT
Circuit A
Circuit B
L
10µH
PN: CBC3225T100KR
100µH
PN: CBC3225T101KR
CIN = CSTORE
22 µF
2.2 µF
CLSW
220pF
---


Similar Part No. - TS3310

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3310 TOUCHSTONE-TS3310 Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022T TOUCHSTONE-TS3310ITD1022T Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022TP TOUCHSTONE-TS3310ITD1022TP Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
More results

Similar Description - TS3310

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
Schneider Electric
HOM2175SB SCHNEIDER-HOM2175SB Datasheet
71Kb / 2P
   LOAD CENTER HOM SECONDARY SURGE ARRESTOR
Aug 10, 2019
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
   Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
   Load Switch
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
   KYL-813 wireless switch input and output module user manual
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
   Load Switch Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com