Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7001IM8 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # TS7001IM8
Description  A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7001IM8 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button TS7001IM8 Datasheet HTML 3Page - Silicon Laboratories TS7001IM8 Datasheet HTML 4Page - Silicon Laboratories TS7001IM8 Datasheet HTML 5Page - Silicon Laboratories TS7001IM8 Datasheet HTML 6Page - Silicon Laboratories TS7001IM8 Datasheet HTML 7Page - Silicon Laboratories TS7001IM8 Datasheet HTML 8Page - Silicon Laboratories TS7001IM8 Datasheet HTML 9Page - Silicon Laboratories TS7001IM8 Datasheet HTML 10Page - Silicon Laboratories TS7001IM8 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TS7001
Page 7
TS7001 Rev. 1.0
1.2
0.8
Gain Error vs Temperature
TEMPERATURE - ºC
-15
35
60
85
10
-40
0.4
0
-0.4
Internal Reference Output vs Supply Voltage
2.494
2.496
2.498
2.500
2.502
POWER SUPPLY VOLTAGE - Volt
2.7
3.15
3.38
2.93
3.6
TEMPERATURE - ºC
-15
35
60
85
10
-40
Internal Reference Output vs Temperature
2.495
2.497
2.499
2.501
2.505
2.503
Power Supply Current vs Power Supply Voltage
0.6
0.5
0.4
0.1
POWER SUPPLY VOLTAGE - Volt
2.7
3.15
3.38
2.93
3.6
0.3
CODE = 1111 1111 1111
CONVERTING
SCLK = 3MHz
STATIC
0.2
Power Supply Current vs Temperature
TEMPERATURE - ºC
-15
35
60
85
10
-40
0.55
0.50
0.40
0.10
0.35
0.15
STATIC, VDD = 3V
CONVERTING, VDD = 3V
0.45
0.30
0.20
0.25
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = +3V; fSCLK = 3MHz; TA = 25ºC, unless otherwise noted.


Similar Part No. - TS7001IM8

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8TP TOUCHSTONE-TS7001IM8TP Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

Similar Description - TS7001IM8

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
STMicroelectronics
ADC1283 STMICROELECTRONICS-ADC1283 Datasheet
782Kb / 24P
   8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
Rev 1 - March 2022
logo
Maxim Integrated Produc...
MAXSPCSPARTAN6 MAXIM-MAXSPCSPARTAN6 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com