Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7003 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TS7003
Description  A 300ksps, Single-supply, 12-Bit Serial-output ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7003 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TS7003 Datasheet HTML 5Page - Silicon Laboratories TS7003 Datasheet HTML 6Page - Silicon Laboratories TS7003 Datasheet HTML 7Page - Silicon Laboratories TS7003 Datasheet HTML 8Page - Silicon Laboratories TS7003 Datasheet HTML 9Page - Silicon Laboratories TS7003 Datasheet HTML 10Page - Silicon Laboratories TS7003 Datasheet HTML 11Page - Silicon Laboratories TS7003 Datasheet HTML 12Page - Silicon Laboratories TS7003 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TS7003
TS7003 Rev. 1.0
Page 9
process, the input side of CHOLD is switched back to
AIN so as to be charged to the input signal again.
An ADC’s acquisition time is function of how fast its
input capacitance can be charged. If an input signal’s
driving-point
source
impedance
is
high,
the
acquisition time is lengthened and more time must be
allowed between conversions. The acquisition time
(tACQ) is the maximum time the ADC requires to
acquire the signal and is also the minimum time
needed for the signal to be acquired. The TS7003’s
acquisition time is calculated from the following
expression:
tACQ = 9 x (RS + RIN) x 10pF
where RIN = 100
Ω (the TS7003’s internal track/hold
switch resistance), RS = the input signal’s source
impedance, and tACQ is never less than 625ns.
Because of the input structure of the TS7003,
sources with output impedances of 1k
Ω or less do not
affect
significantly
the
AC
performance
of
the
TS7003. The TS7003 can still be used in applications
where the source impedance is higher so long as a
0.01
μF capacitor is connected between the analog
input and GND. Limiting the ADC’s input signal
bandwidth, the use of an external, input capacitor
forms an RC filter with the input’s source impedance.
Input Bandwidth Considerations
Since the TS7003’s input track-and-hold circuit
exhibits a 10 MHz small-signal bandwidth, it is
possible to measure periodic signals and to digitize
high-speed transient events with signal bandwidths
higher than the TS7003’s sampling rate by using
undersampling techniques. To avoid the aliasing of
high-frequency signals into the frequency band of
interest, the use of external anti-alias filter circuits
(discrete or integrated) is recommended. The time
constant of the external anti-alias filter should be set
so as not to interfere with the desired signal
bandwidth.
Analog Input Protection
The TS7003 incorporates internal protection diodes
that clamp the analog input between VDD and GND.
These internal protection diodes allow the AIN pin to
swing from GND - 0.3V to VDD + 0.3V without causing
damage to the TS7003. However, for accurate
conversions near full scale, the input signal must not
exceed VDD by more than 50mV or be lower than
GND by 50mV.
If the analog inputs can exceed 50mV beyond the
supplies, then the current in the forward-biased
protection diodes should be limited to less than
2mA
since
large
fault
currents
can
affect
conversion results.
Internal Reference Considerations
The TS7003 has an internal voltage reference that is
factory-trimmed to 2.5V. The internal reference output
is connected to the REF pin and is also connected to
the ADC’s internal CDAC. The REF output can be
used as a reference voltage source for other
components external to the ADC and can source up
to 750
μA. To maintain conversion accuracy to within
1 LSB, a 4.7
μF capacitor from the REF pin to GND is
recommended. While larger-valued capacitors can be
used to further reduce reference wide-band noise,
larger capacitor values can increase the TS7003’s
wake-up time when exiting from shutdown mode (see
the “Using SHDN to Reduce Operating Supply
Current” section for more information). When in
shutdown
(that
is,
when
SHDN = 0), the TS7003’s internal 2.5-V reference is
disabled.
Serial Digital Interface
Initialization
after
Power-Up
and
Starting
a
Conversion
If the SHDN pin is not driven low upon an initial, cold-
start condition, it may take up to 2.5ms for a fully-
discharged 4.7
μF reference bypass capacitor to
provide adequate charge for specified conversion
accuracy. As a result, conversions should not be
initiated during this reference capacitor charge-up
delay. To initiate a conversion, the CS pin is toggled
(or driven) low. At the CS’s falling edge, the TS7003’s
internal track-and-hold is placed in hold mode and a
conversion is initiated. Data can then be transferred
out of the ADC using an external serial clock.


Similar Part No. - TS7003

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003 TOUCHSTONE-TS7003 Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003ITD833T TOUCHSTONE-TS7003ITD833T Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003ITD833T TOUCHSTONE-TS7003ITD833T Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003ITD833TP TOUCHSTONE-TS7003ITD833TP Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
More results

Similar Description - TS7003

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003 TOUCHSTONE-TS7003_1 Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Maxim Integrated Produc...
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com