Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12011 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # TS12011
Description  Nanopower Op Amp, Comparator, and Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12011 Datasheet(HTML) 3 Page - Silicon Laboratories

  TS12011 Datasheet HTML 1Page - Silicon Laboratories TS12011 Datasheet HTML 2Page - Silicon Laboratories TS12011 Datasheet HTML 3Page - Silicon Laboratories TS12011 Datasheet HTML 4Page - Silicon Laboratories TS12011 Datasheet HTML 5Page - Silicon Laboratories TS12011 Datasheet HTML 6Page - Silicon Laboratories TS12011 Datasheet HTML 7Page - Silicon Laboratories TS12011 Datasheet HTML 8Page - Silicon Laboratories TS12011 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TS12011/TS12012
TS12011/12 Rev. 1.0
Page 3
ELECTRICAL CHARACTERISTICS
VDD = 0.8V; VSS = 0V; VCOMPIN+/- = 0V; VAMPIN+/- = 0V; VAMPOUT = (VDD + VSS)/2; VCOMPOUT = HiZ; TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C. See note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
0.8
2.5
V
Supply Current
IDD
REFOUT = open
TA = +25°C
1.1
1.6
µA
-40°C
≤ T
A ≤ 85°C
2
REFERENCE SECTION
Reference Output
Voltage
VREFOUT
VDD = 0.8V or 2.5V
TA = +25°C
555
577
600
mV
-40°C
≤ T
A ≤ 85°C
552
602
Reference Load
Regulation
IOUT = ±100nA
0.5
%
AMPLIFIER SECTION
Input Offset Voltage
VOS
VAMPIN+/- = VDD or VAMPIN+/- = VSS
TA = +25°C
3.5
mV
-40°C
≤ T
A ≤ 85°C
7
Input Bias Current
IIN+, IN-
VAMPIN+, VAMPIN- = (VDD – VSS)/2
20
nA
Input Offset Current
IOS
VAMPIN+, VAMPIN- = (VDD – VSS)/2
0.01
5
nA
Input Common-Mode
Range
IVR
Guaranteed by Input Offset Voltage Test
VSS
VDD
V
Large-Signal Voltage
Gain
AVOL
RL = 100K to VDD/2;
VSS + 50mV < VOUT < VDD - 50mV
90
104
dB
Gain-Bandwidth
Product
GBWP
RL = 100kΩ//20pF
15
kHz
Phase Margin
φ
M
RL = 100kΩ//20pF
70
deg
Slew Rate
SR
RL = 100kΩ//20pF
6
V/ms
Common-Mode
Rejection Ratio
CMRR
0V
≤ V
IN(CM) ≤ 2.1V; VDD = 2.5V
50
75
dB
Power-Supply
Rejection Ratio
PSRR
0.65V
≤ (V
DD - VSS) ≤ 2.5V
50
75
dB
Output High Voltage
VOH
RL = 100kΩ to VSS
VDD – 50mV
V
Output Low Voltage
VOL
RL = 100kΩ to VDD
VSS + 50mV
V
Output Source
Current
ISC+
VAMPOUT = VSS
0.28
mA
Output Sink Current
ISC-
VAMPOUT = VDD
4.5
mA
Output Load
Capacitive Drive
COUT
50
pF
COMPARATOR SECTION
Input Offset Voltage
VOS
VAMPIN+/- = VDD; VAMPIN+/- = VSS;
See Note 2
TA = +25°C
4.5
mV
-40°C
≤ T
A ≤ 85°C
8
Input Hysteresis
VHB
See Note 3
±7.5
mV
Input Bias Current
IIN+, IN-
VCOMPIN+, VCOMPIN- = VDD or VSS
20
nA
Input Offset Current
IOS
VCOMPIN+, VCOMPIN- = VDD or VSS
0.2
5
nA
Input Voltage Range
IVR
Guaranteed by Input Offset Voltage Test
VSS
VDD
V
Common-Mode
Rejection Ratio
CMRR
0V
≤ V
IN(CM) ≤ 2.1V; VDD = 2.5V
50
60
dB
Power-Supply
Rejection Ratio
PSRR
0.8V
≤ (V
DD - VSS) ≤ 2.5V
50
70
dB
Low-to-High
Propagation Delay
tPD+
VOVERDRIVE = 10mV; See Note 4
TS12011
30
µs
VOVERDRIVE = 100mV; See Note 4
20
µs
High-to-Low
Propagation Delay
tPD-
VOVERDRIVE = 10mV; See Note 4
30
µs
VOVERDRIVE = 100mV; See Note 4
20
µs
Output High Voltage
VOH
TS12011; IOUT = -100μA
VDD – 0.1
V
Output Low Voltage
VOL
TS12011 ; IOUT = 100μA
VSS + 0.1
V
Output Low Voltage
VOL
TS12012 ; IOUT = 100μA
VSS + 0.11
V
Output Short-Circuit
Current
ISC
Sourcing; VCOMPOUT = VSS
0.1
mA
TS12011 ; Sinking; VCOMPOUT = VDD
0.5
mA
TS12012 ; Sinking; VCOMPOUT = VDD
1.4
mA
Open Drain Leakage
TS12012 ; VCOMPOUT = 5V
20
nA


Similar Part No. - TS12011

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
TS12011ITD1022T TOUCHSTONE-TS12011ITD1022T Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
TS12011ITD1022TP TOUCHSTONE-TS12011ITD1022TP Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
More results

Similar Description - TS12011

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com