Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12001ITD1022T Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TS12001ITD1022T
Description  Nanopower Voltage Detector with Dual Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12001ITD1022T Datasheet(HTML) 1 Page - Silicon Laboratories

  TS12001ITD1022T Datasheet HTML 1Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 2Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 3Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 4Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 5Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 6Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 7Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 8Page - Silicon Laboratories TS12001ITD1022T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS12001
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 Nanopower Voltage Detector in Single 4 mm2
Package
 Ultra Low Total Supply Current: 1µA (max)
 Supply Voltage Operation: 0.65V to 2.5V
 Preset 0.78V UVLO Trip Threshold
 Internal ±10mV Hysteresis
 Resettable Latched Comparator
 Complimentary and Open-drain Comparator
Outputs
 Separate Comparator Output Supply Pin
APPLICATIONS
Power-Fail Indicator
Low-Battery Detection
Battery-Backup Detection
CPU, Microprocessor, and Logic Reset Controller
Battery-powered Systems
DESCRIPTION
The TS12001 voltage detector combines a 0.58V
reference
and
a
comparator
with
resettable
comparator latch in a single package. The TS12001
operates from a single 0.65V to 2.5V power supply
and consumes less than 1µA total supply current.
Optimized for ultra-long life operation, the TS12001
expands the growing “NanoWatt Analog™” high-
performance analog integrated circuits portfolio.
The
voltage
detector
exhibits
a
preset
UVLO
threshold voltage of 0.78V (typ) or can be set to other
threshold voltages with two external resistors. The
comparator exhibits ±10mV of internal hysteresis for
clean, chatter-free output switching. The TS12001
also offers both push-pull and open-drain outputs.
When
compared
against
similar
products,
the
TS12001
offers
a
factor-of-2
lower
power
consumption and at least a 33% reduction in pcb
area.
The TS12001 is fully specified over the -40°C to
+85°C temperature range and is available in a low-
profile, 10-pin 2x2mm TDFN package with an
exposed back-side paddle.
A 0.65V/1µA Nanopower Voltage Detector with Dual Outputs
TYPICAL APPLICATION CIRCUIT
A Nanopower 1.8V Core System Voltage Detector


Similar Part No. - TS12001ITD1022T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12001ITD1022T TOUCHSTONE-TS12001ITD1022T Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
TS12001ITD1022TP TOUCHSTONE-TS12001ITD1022TP Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
More results

Similar Description - TS12001ITD1022T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Texas Instruments
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com