Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA7887BRZ-REEL Datasheet(PDF) 5 Page - Silicon Laboratories

Part # TSA7887BRZ-REEL
Description  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887BRZ-REEL Datasheet(HTML) 5 Page - Silicon Laboratories

  TSA7887BRZ-REEL Datasheet HTML 1Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 2Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 3Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 4Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 5Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 6Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 7Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 8Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TSA7887
TSA7887 Rev. 1.0
Page 5
TIMING SPECIFICATIONS1
Parameter
Limit at TMIN, TMAX
Unit
Description
(A, B Versions)
4.75V to 5.25V
2.7V to 3.6V
fSCLK
2
2
2
MHz (max)
tCONVERT
14.5 × tSCLK
14.5 × tSCLK
tACQ
1.5 × tSCLK
1.5 × tSCLK
Throughput time = tCONVERT + tACQ = 16 tSCLK
t1
10
10
ns (min)
CS to SCLK setup time
t2
3
30
60
ns (max)
Delay from CS until DOUT three-state disabled
t3
3
75
100
ns (max)
Data access time after SCLK falling edge
t4
20
20
ns (min)
Data setup time prior to SCLK rising edge
t5
20
20
ns (min)
Data valid to SCLK hold time
t6
0.4 × tSCLK
0.4 × tSCLK
ns (min)
SCLK high pulse width
t7
0.4 × tSCLK
0.4 × tSCLK
ns (min)
SCLK low pulse width
t8
4
80
80
ns (max)
CS rising edge to DOUT high-Z
t9
5
5
μs (typ)
Power-up time from shutdown
Note 1: Timing specifications are sample tested at 25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of
VDD) and timed relative to a voltage level of 1.6V.
Note 2: The mark/space ratio for the SCLK input is 40/60 to 60/40. See Serial Interface section for additional details.
Note 3: Measured with the load circuit as shown below and defined as the time required for the output to cross 0.8V or 2.0V.
Note 4: Timing specification t8 is derived from the measured time taken by the data outputs to change 0.5V when loaded with the circuit shown
below. The measured result is then extrapolated back to remove the effects of charging or discharging the 50pF capacitor. This
means that the time, t8, quoted in the timing characteristics is the true bus relinquish time of the TSA7887 and is independent of bus
loading.
Load Circuit Used for TSA7887’s Digital Output Timing
Specifications.


Similar Part No. - TSA7887BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSA7887BRZ-REEL TOUCHSTONE-TSA7887BRZ-REEL Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

Similar Description - TSA7887BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com