Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGB540LNA Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BGB540LNA
Description  BGB540 as a 1.85 GHz Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGB540LNA Datasheet(HTML) 3 Page - Infineon Technologies AG

  BGB540LNA Datasheet HTML 1Page - Infineon Technologies AG BGB540LNA Datasheet HTML 2Page - Infineon Technologies AG BGB540LNA Datasheet HTML 3Page - Infineon Technologies AG BGB540LNA Datasheet HTML 4Page - Infineon Technologies AG BGB540LNA Datasheet HTML 5Page - Infineon Technologies AG BGB540LNA Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
%*% /1$
6LOLFRQ'LVFUHWHV
3
2002-02-06
)LJXUH 
,QSXWDQG 2XWSXW 5HWXUQ/RVV
)LJXUH 
5HYHUVH ,VRODWLRQ
8
9
10
11
12
13
14
1.7
1.75
1.8
1.85
1.9
1.95
2
A…r„ˆrp’ÃbBC“d
S
ˆ…
Ã
††
Ãbq
7
d
s11
s22
18
20
22
24
26
1.7
1.75
1.8
1.85
1.9
1.95
2
A…r„ˆr’ÃbBC“d
S
†r
ÃD†
‚y
Ã
bq
7
d


Similar Part No. - BGB540LNA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB540 INFINEON-BGB540 Datasheet
724Kb / 24P
   A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
19-November-2002
BGB540 INFINEON-BGB540 Datasheet
129Kb / 10P
   Active Biased RF Transistor
2002-09-11
More results

Similar Description - BGB540LNA

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65404-31 SKYWORKS-SKY65404-31 Datasheet
753Kb / 9P
   5 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com