Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB65S28K Datasheet(PDF) 9 Page - SL Power Electronics

Part # MB65S28K
Description  65W Single Output Medical Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S28K Datasheet(HTML) 9 Page - SL Power Electronics

Back Button MB65S28K Datasheet HTML 2Page - SL Power Electronics MB65S28K Datasheet HTML 3Page - SL Power Electronics MB65S28K Datasheet HTML 4Page - SL Power Electronics MB65S28K Datasheet HTML 5Page - SL Power Electronics MB65S28K Datasheet HTML 6Page - SL Power Electronics MB65S28K Datasheet HTML 7Page - SL Power Electronics MB65S28K Datasheet HTML 8Page - SL Power Electronics MB65S28K Datasheet HTML 9Page - SL Power Electronics MB65S28K Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
9
6.4 Ripple & Noise (Cont’d)
12V OUT, NO LOAD, 264VAC, 50HZ
12V OUT, FULL LOAD, 264VAC, 50HZ
6.5 Output Transient Response
50% load step within the regulation limits of minimum and maximum load, dI/dt< 0.2A/µSec. Recovery time not
specified as there are no lapse in regulation with a 50% Load Step. Maximum voltage deviation is 3.5%
5%~50% Load Transient (AC) at 25°C@115V
50%~100% Load Transient(AC) at 25°C@115V


Similar Part No. - MB65S28K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB650XXX FUJITSU-MB650XXX Datasheet
904Kb / 18P
   AV CMOS SEREIS GATE ARRAYS
MB650XXX FUJITSU-MB650XXX Datasheet
1Mb / 22P
   CMOS Gate Array
logo
Murata Manufacturing Co...
MB65101BAN MURATA-MB65101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB65101BBN MURATA-MB65101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB65101CAN MURATA-MB65101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB65S28K

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
   65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
   65W Single Output Medical Type
logo
Astrodyne Corporation
MPS65 ASTRODYNE-MPS65 Datasheet
348Kb / 4P
   65W Single Output for Medical Type
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
   65W Single Output for Medical Type
logo
SL Power Electronics
MINT1065 SLPOWER-MINT1065 Datasheet
353Kb / 3P
   65W Single Output Series
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
   65W Single Output Series
logo
Mean Well Enterprises C...
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
   65W Triple Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com