Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO080P03S Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSO080P03S
Description  OptiMOS-P Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO080P03S Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSO080P03S Datasheet HTML 1Page - Infineon Technologies AG BSO080P03S Datasheet HTML 2Page - Infineon Technologies AG BSO080P03S Datasheet HTML 3Page - Infineon Technologies AG BSO080P03S Datasheet HTML 4Page - Infineon Technologies AG BSO080P03S Datasheet HTML 5Page - Infineon Technologies AG BSO080P03S Datasheet HTML 6Page - Infineon Technologies AG BSO080P03S Datasheet HTML 7Page - Infineon Technologies AG BSO080P03S Datasheet HTML 8Page - Infineon Technologies AG BSO080P03S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSO080P03S
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - soldering point
R thJS
-
-
35
K/W
Thermal resistance,
junction - ambient
R thJA
minimal footprint,
t p≤10 s
-
-
110
minimal footprint,
steady state
-
-
150
6 cm
2 cooling area1),
t p≤10 s
--
50
6 cm
2 cooling area1),
steady state
--
70
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-250µA
-30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS,
I D=-250 µA
-1
-1.5
-2.2
Zero gate voltage drain current
I DSS
V DS=-30 V, V GS=0 V,
T j=25 °C
-
-0.1
-1
µA
V DS=-30 V, V GS=0 V,
T j=125 °C
-
-10
-100
Gate-source leakage current
I GSS
V GS=-25 V, V DS=0 V
-
-10
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-10 V,
I D=-14.9 A
-
6.7
8.0
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-14.9 A
22
43
-
S
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev. 1.0
page 2
2004-01-21


Similar Part No. - BSO080P03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO080P03SH INFINEON-BSO080P03SH Datasheet
329Kb / 9P
   OptiMOTM-P Power-Transistor
Rev.1.31 2010-02-10
More results

Similar Description - BSO080P03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com