Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA800A-SPI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VA800A-SPI
Description  VM810C EVE2 CREDIT CARD MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VA800A-SPI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VA800A-SPI Datasheet HTML 2Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 3Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 4Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 5Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 6Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 7Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 8Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 9Page - List of Unclassifed Manufacturers VA800A-SPI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
3.2.2 VM810C Connectors
Connectors and jumpers are described in the following sections.
CN1- 2-pin power connector
2 pin JST connector for 5V/3.3V power input to the board. Alternative to Micro USB connector.
Pin No.
Name
Type
Description
1
VCC
P
5V power supply
2
GND
P
Ground
Table 3-1 – CN1 Pinout
CN2- Micro USB Receptical
This receptical is strictly for 5V input to power the board. There is no USB Functionality
Pin No.
Name
Type
Description
1
VBUS
P
5V power supply
2
NC
NA
No connection
3
NC
NA
No connection
4
NC
NA
No connection
5
GND
P
Ground
Table 3-2 – CN2 Pinout
J1- LCD Flex Cable connector
This connector is the interface between the FT810 IC and the LCD Module.
Signal
Pin No
Description
LED K
1
LED-
LED A
2
LED+
DISP
31
LCD Display Enable
HSYNC
32
LCD Horizontal Sync
VSYNC
33
LCD Vertical Sync
DCLK
30
LCD Pixel Clock
DE
34
LCD Data Enable
R2
7
Bit 2 of Red RGB signals
R3
8
Bit 3 of Red RGB signals
R4
9
Bit 4 of Red RGB signals
R5
10
Bit 5 of Red RGB signals
R6
11
Bit 6 of Red RGB signals
R7
12
Bit 7 of Red RGB signals
G2
15
Bit 2 of Green RGB signals
G3
16
Bit 3 of Green RGB signals


Similar Part No. - VA800A-SPI

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VA800A-SPI FTDI-VA800A-SPI Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
logo
Bridgetek Pte Ltd.
VA800A-SPI BRIDGETEK-VA800A-SPI Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
More results

Similar Description - VA800A-SPI

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-7.0-800480FT-CSXN-CTP NEWHAVEN-NHD-7.0-800480FT-CSXN-CTP Datasheet
869Kb / 12P
   7.0" EVE2 TFT Module
NHD-7.0-800480FT-CSXV-T NEWHAVEN-NHD-7.0-800480FT-CSXV-T Datasheet
860Kb / 12P
   7.0" EVE2 TFT Module
NHD-4.3-480272FT-CSXV-CTP NEWHAVEN-NHD-4.3-480272FT-CSXV-CTP Datasheet
869Kb / 12P
   4.3" EVE2 TFT Module
NHD-4.3-480272FT-CTXL-T NEWHAVEN-NHD-4.3-480272FT-CTXL-T Datasheet
858Kb / 12P
   4.3" EVE2 TFT Module
NHD-7.0-800480FT-CSXV-CTP NEWHAVEN-NHD-7.0-800480FT-CSXV-CTP Datasheet
868Kb / 12P
   7.0" EVE2 TFT Module
NHD-4.3-480272FT-CSXV-T NEWHAVEN-NHD-4.3-480272FT-CSXV-T Datasheet
858Kb / 12P
   4.3" EVE2 TFT Module
NHD-7.0-800480FT-CTXL-CTP NEWHAVEN-NHD-7.0-800480FT-CTXL-CTP Datasheet
868Kb / 12P
   7.0" EVE2 TFT Module
NHD-7.0-800480FT-CTXL-T NEWHAVEN-NHD-7.0-800480FT-CTXL-T Datasheet
860Kb / 12P
   7.0" EVE2 TFT Module
NHD-3.5-320240FT-CSXN-CTP NEWHAVEN-NHD-3.5-320240FT-CSXN-CTP Datasheet
827Kb / 12P
   3.5" EVE2 TFT Module
NHD-3.5-320240FT-CSXV-CTP NEWHAVEN-NHD-3.5-320240FT-CSXV-CTP Datasheet
825Kb / 12P
   3.5" EVE2 TFT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com