Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14X250 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 3Page - Texas Instruments ADC14X250 Datasheet HTML 4Page - Texas Instruments ADC14X250 Datasheet HTML 5Page - Texas Instruments ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments ADC14X250 Datasheet HTML 10Page - Texas Instruments ADC14X250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
7
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
RHB (WQFN)
UNIT
(32 PINS)
RθJA
Thermal resistance, junction to ambient
31.4
°C/W
RθJC(top)
Thermal resistance, junction to package top
50.2
RθJC(bottom)
Thermal resistance, junction to package bottom
1.1
RθJB
Thermal resistance, junction to board
5.1
φJT
Characterization parameter, junction to package top
0.2
φJB
Characterization parameter, junction to board
5.1
6.5 Electrical Characteristics: Static Converter Performance
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS;
external differential resistive termination at ADC input is 66
Ω. Typical values are at TA = 25°C, unless otherwise noted. Limit
values specified for the temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Bit resolution of ADC core
14
Bits
FSR
Full scale range
Differential peak-to-peak
1.7
Vpp
GVAR
Gain variation
1-sigma variation of full scale range across multiple units
±0.05
dB
VOFF
Input referred voltage offset
±3
mV
DNL
Differential non-linearity
+0.27
–0.18
LSB
INL
Integral non-linearity
+1
–0.9
LSB
6.6 Electrical Characteristics: Dynamic Converter Performance
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS;
external differential resistive termination at ADC input is 66
Ω. CLKIN± input is a 2 Vp-p differential sinusoid. Typical values
are at TA = 25°C, unless otherwise noted. Limit values specified for the temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW3dB
3-dB bandwidth
Frequency at which the voltage input to digital output
response deviates by 3 dB compared to low frequencies for
a low impedance differential signal applied at the input pins.
Includes 0.5-nH parasitic inductance in series with each pin
of the differential analog input.
800
MHz
SNR
Signal-to-noise ratio, integrated across entire Nyquist
bandwidth
dBFS
Input = 10 MHz, –3 dBFS
71.1
Input = 70 MHz, –3 dBFS
70.9
Input = 170 MHz, –3 dBFS
70.5
Input = 240 MHz, –3 dBFS
68.3
70.1
Input = 240 MHz, –40 dBFS
71.1
Input = 300 MHz, –3 dBFS
69.7


Similar Part No. - ADC14X250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14061CCVT NSC-ADC14061CCVT Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071CIVBH NSC-ADC14071CIVBH Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071EVAL NSC-ADC14071EVAL Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
More results

Similar Description - ADC14X250

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8411 AKM-AK8411 Datasheet
346Kb / 25P
   Single Channel Input, 16 Bit 5 MSPS Video ADC
logo
Texas Instruments
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
[Old version datasheet]   14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD7490 AD-AD7490_17 Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com