Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40IRMPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J40IRMPT
Description  Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J40IRMPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS54J40IRMPT Datasheet HTML 4Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 5Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 6Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 7Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 8Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 9Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 10Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 11Page - Texas Instruments ADS54J40IRMPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
ADS54J40
SBAS714A – MAY 2015 – REVISED OCTOBER 2015
www.ti.com
AC Characteristics (continued)
Typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 1.0 GSPS,
50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD = 1.15 V, and –1-dBFS differential input, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 10 MHz, AIN = –1 dBFS
85
fIN = 100 MHz, AIN = –1 dBFS
83
fIN = 170 MHz, AIN = –1 dBFS
76
86
fIN = 230 MHz, AIN = –1 dBFS
85
Spurious free dynamic range
SFDR
dBc
(excluding IL spurs)
fIN = 270 MHz, AIN = –1 dBFS
81
fIN = 300 MHz, AIN = –1 dBFS
78
fIN = 370 MHz, AIN = –1 dBFS
73
fIN = 470 MHz, AIN = –1 dBFS
69
fIN = 10 MHz, AIN = –1 dBFS
85
fIN = 100 MHz, AIN = –1 dBFS
90
fIN = 170 MHz, AIN = –1 dBFS
76
92
fIN = 230 MHz, AIN = –1 dBFS
85
HD2
Second-order harmonic distortion
dBc
fIN = 270 MHz, AIN = –1 dBFS
81
fIN = 300 MHz, AIN = –1 dBFS
81
fIN = 370 MHz, AIN = –1 dBFS
76
fIN = 470 MHz, AIN = –1 dBFS
69
fIN = 10 MHz, AIN = –1 dBFS
85
fIN = 100 MHz, AIN = –1 dBFS
83
fIN = 170 MHz, AIN = –1 dBFS
76
86
fIN = 230 MHz, AIN = –1 dBFS
87
HD3
Third-order harmonic distortion
dBc
fIN = 270 MHz, AIN = –1 dBFS
81
fIN = 300 MHz, AIN = –1 dBFS
78
fIN = 370 MHz, AIN = –1 dBFS
73
fIN = 470 MHz, AIN = –1 dBFS
70
fIN = 10 MHz, AIN = –1 dBFS
94
fIN = 100 MHz, AIN = –1 dBFS
97
fIN = 170 MHz, AIN = –1 dBFS
79
93
fIN = 230 MHz, AIN = –1 dBFS
95
Non
Spurious-free dynamic range
dBFS
HD2, HD3
(excluding HD2, HD3, and IL spur)
fIN = 270 MHz, AIN = –1 dBFS
95
fIN = 300 MHz, AIN = –1 dBFS
91
fIN = 370 MHz, AIN = –1 dBFS
85
fIN = 470 MHz, AIN = –1 dBFS
88
fIN = 10 MHz, AIN = –1 dBFS
11.3
fIN = 100 MHz, AIN = –1 dBFS
11.2
fIN = 170 MHz, AIN = –1 dBFS
10.5
11.1
fIN = 230 MHz, AIN = –1 dBFS
11.1
ENOB
Effective number of bits
dBFS
fIN = 270 MHz, AIN = –1 dBFS
10.9
fIN = 300 MHz, AIN = –1 dBFS
10.8
fIN = 370 MHz, AIN = –1 dBFS
10.6
fIN = 470 MHz, AIN = –1 dBFS
10.4
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS54J40


Similar Part No. - ADS54J40IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J42 TI1-ADS54J42 Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
ADS54J42IRMP TI1-ADS54J42IRMP Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
ADS54J42IRMPT TI1-ADS54J42IRMPT Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADS54J40IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com