Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S052 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC128S052
Description  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC128S052 Datasheet HTML 2Page - Texas Instruments ADC128S052 Datasheet HTML 3Page - Texas Instruments ADC128S052 Datasheet HTML 4Page - Texas Instruments ADC128S052 Datasheet HTML 5Page - Texas Instruments ADC128S052 Datasheet HTML 6Page - Texas Instruments ADC128S052 Datasheet HTML 7Page - Texas Instruments ADC128S052 Datasheet HTML 8Page - Texas Instruments ADC128S052 Datasheet HTML 9Page - Texas Instruments ADC128S052 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADC128S052, ADC128S052-Q1
SNAS333E – AUGUST 2005 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for AGND = DGND = 0 V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 kSPS to 500 kSPS, CL =
50 pF, unless otherwise noted. Maximum and minimum limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(2)
UNIT
DYNAMIC CONVERTER CHARACTERISTICS
VA = VD = 3 V
8
MHz
FPBW
Full Power Bandwidth (
−3 dB)
VA = VD = 5 V
11
MHz
VA = VD = 3 V,
70
73
dB
fIN = 40.2 kHz, −0.02 dBFS
Signal-to-Noise Plus Distortion
SINAD
Ratio
VA = VD = 5 V,
70
73
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
70.8
73
dB
fIN = 40.2 kHz, −0.02 dBFS
SNR
Signal-to-Noise Ratio
VA = VD = 5 V,
70.8
73
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
−90
−74
dB
fIN = 40.2 kHz, −0.02 dBFS
THD
Total Harmonic Distortion
VA = VD = 5 V,
−89
−74
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
75
92
dB
fIN = 40.2 kHz, −0.02 dBFS
SFDR
Spurious-Free Dynamic Range
VA = VD = 5 V,
75
91
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
11.3
11.8
Bits
fIN = 40.2 kHz
ENOB
Effective Number of Bits
VA = VD = 5 V,
11.3
11.8
Bits
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
81
dB
fIN = 20 kHz
ISO
Channel-to-Channel Isolation
VA = VD = 5 V,
81
dB
fIN = 20 kHz, −0.02 dBFS
VA = VD = 3 V,
−98
dB
fa = 19.5 kHz, fb = 20.5 kHz
Intermodulation Distortion,
Second Order Terms
VA = VD = 5 V,
−91
dB
fa = 19.5 kHz, fb = 20.5 kHz
IMD
VA = VD = 3 V,
−89
dB
fa = 19.5 kHz, fb = 20.5 kHz
Intermodulation Distortion, Third
Order Terms
VA = VD = 5 V,
−88
dB
fa = 19.5 kHz, fb = 20.5 kHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0
VA
V
IDCL
DC Leakage Current
±1
µA
Track Mode
33
pF
CINA
Input Capacitance
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
VA = VD = 2.7 V to 3.6 V
2.1
V
VIH
Input High Voltage
VA = VD = 4.75 V to 5.25 V
2.4
V
VIL
Input Low Voltage
VA = VD = 2.7 V to 5.25 V
0.8
V
IIN
Input Current
VIN = 0 V or VD
±0.01
±1
µA
CIND
Digital Input Capacitance
2
4
pF
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: ADC128S052 ADC128S052-Q1


Similar Part No. - ADC128S052

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT/NOPB TI1-ADC128S052CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMTX TI1-ADC128S052CIMTX Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com