Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1118-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118-Q1
Description  Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1118-Q1 Datasheet HTML 6Page - Texas Instruments ADS1118-Q1 Datasheet HTML 7Page - Texas Instruments ADS1118-Q1 Datasheet HTML 8Page - Texas Instruments ADS1118-Q1 Datasheet HTML 9Page - Texas Instruments ADS1118-Q1 Datasheet HTML 10Page - Texas Instruments ADS1118-Q1 Datasheet HTML 11Page - Texas Instruments ADS1118-Q1 Datasheet HTML 12Page - Texas Instruments ADS1118-Q1 Datasheet HTML 13Page - Texas Instruments ADS1118-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
0
50
100
150
200
Gain Error (%)
G000
0.15
0.1
0.05
0
0.05
0.1
0.15
-
-
-
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
FSR = 256 mV
±
FSR = 2.048 V
±
0
50
100
150
200
Offset (µV)
G000
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
FSR = ±0.256 V
FSR = ±0.512 V
FSR = ±1.024 V
FSR = ±2.048 V
FSR = ±4.096 V
FSR = ±6.144 V
0
5
10
15
Offset Drift (LSB/°C)
G046
−40
−30
−20
−10
0
10
20
30
40
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
AIN0 to AIN1
AIN0 to AIN3
AIN1 to AIN3
AIN2 to AIN3
G007
ADS1118-Q1
SBAS740A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
at TA = 25°C, VDD = 3.3 V, and FSR = ±2.048 V (unless otherwise noted)
FSR = ±2.048 V, TA = –40°C to +125°C, mux = AIN0 to AIN3,
540 units from 3 production lots
Figure 14. Differential Offset Voltage vs Supply
Figure 15. Offset Drift Histogram
FSR = ±2.048 V,
540 units from 3 production lots
Figure 17. Gain Error vs Temperature
Figure 16. Offset Histogram
FSR = ±2.048 V, 540 units from 3 production lots
Figure 19. Gain Error Histogram
Figure 18. Gain Error vs Supply
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS1118-Q1


Similar Part No. - ADS1118-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118-Q1 TI-ADS1118-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1118-Q1 TI1-ADS1118-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Similar Description - ADS1118-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com