Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1257IRGWT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1257IRGWT
Description  4-Channel, 24-Bit ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1257IRGWT Datasheet(HTML) 4 Page - Texas Instruments

  ADS1257IRGWT Datasheet HTML 1Page - Texas Instruments ADS1257IRGWT Datasheet HTML 2Page - Texas Instruments ADS1257IRGWT Datasheet HTML 3Page - Texas Instruments ADS1257IRGWT Datasheet HTML 4Page - Texas Instruments ADS1257IRGWT Datasheet HTML 5Page - Texas Instruments ADS1257IRGWT Datasheet HTML 6Page - Texas Instruments ADS1257IRGWT Datasheet HTML 7Page - Texas Instruments ADS1257IRGWT Datasheet HTML 8Page - Texas Instruments ADS1257IRGWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
15
14
12
Thermal Pad
1
2
3
4
5
13
11
REFP
SCLK
DIN
DOUT
DRDY
CS
AIN0
AIN1
AIN2
AIN3
6
7
8
9
10
16
17
18
19
20
ADS1257
SBAS656A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
RGW Package
20-Pin QFN
Top View (Not to Scale)
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
REFP
Analog input
Positive reference input
2
AIN0
Analog input
Analog input 0. Leave unconnected or connect to AVDD if not used.
3
AIN1
Analog input
Analog input 1. Leave unconnected or connect to AVDD if not used.
4
AIN2
Analog input
Analog input 2. Leave unconnected or connect to AVDD if not used.
5
AIN3
Analog input
Analog input 3. Leave unconnected or connect to AVDD if not used.
6
SYNC/PDWN
Digital input(1)(2)
Synchronization or power down input; active low. Connect to DVDD if not used.
7
RESET
Digital input(1)(2)
Reset input, active low. Connect to DVDD if not used.
8
DVDD
Digital
Digital power supply
9
DGND
Digital
Digital ground
10
CLKIN
Digital input(2)
External clock input
11
CS
Digital input(1)(2)
Chip select; active low. Connect to DGND if not used.
12
DRDY
Digital output
Data ready output; active low
13
DOUT
Digital output
Serial data output
14
DIN
Digital input(1)(2)
Serial data input
15
SCLK
Digital input(1)(2)
Serial clock input
16
D0/CLKOUT
Digital input/output(3)
General purpose digital I/O 0 or clock output
17
D1
Digital input/output(3)
General purpose digital I/O 1
18
AVDD
Analog
Analog power supply
19
AGND
Analog
Analog ground
20
REFN
Analog input
Negative reference input
Thermal Pad
Thermal power pad. Connect to AGND.
(1)
Schmitt-trigger digital input.
(2)
5-V tolerant digital input.
(3)
Schmitt-trigger digital input when the digital I/O is configured as an input.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS1257


Similar Part No. - ADS1257IRGWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1250 TI-ADS1250 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1250 TI1-ADS1250 Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1250U BURR-BROWN-ADS1250U Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1250U TI1-ADS1250U Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1257IRGWT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5388 AKM-AK5388_09 Datasheet
435Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388 AKM-AK5388 Datasheet
506Kb / 27P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388AEQ AKM-AK5388AEQ Datasheet
713Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5384 AKM-AK5384 Datasheet
238Kb / 21P
   107 DB 24 BIT 96KHZ 4 CHANNEL ADC
logo
Texas Instruments
ADS131M04 TI1-ADS131M04 Datasheet
993Kb / 78P
[Old version datasheet]   4-channel, simultaneously-sampling, 24-bit, delta-sigma ADC
logo
Asahi Kasei Microsystem...
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
logo
Linear Technology
LTC2442 LINER-LTC2442_15 Datasheet
926Kb / 32P
   24-Bit High Speed 4-Channel ADC with Integrated Amplifier
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com