Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5401IZAY Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5401IZAY
Description  Single 12-Bit 800-Msps Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5401IZAY Datasheet(HTML) 5 Page - Texas Instruments

  ADS5401IZAY Datasheet HTML 1Page - Texas Instruments ADS5401IZAY Datasheet HTML 2Page - Texas Instruments ADS5401IZAY Datasheet HTML 3Page - Texas Instruments ADS5401IZAY Datasheet HTML 4Page - Texas Instruments ADS5401IZAY Datasheet HTML 5Page - Texas Instruments ADS5401IZAY Datasheet HTML 6Page - Texas Instruments ADS5401IZAY Datasheet HTML 7Page - Texas Instruments ADS5401IZAY Datasheet HTML 8Page - Texas Instruments ADS5401IZAY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ADS5401
www.ti.com
SLAS946B – APRIL 2013 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
GND
I
Ground
IOVDD
B10
I
1.8-V for digital I/Os
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD33
–0.5
4
AVDDC
–0.5
2.3
AVDD18
–0.5
2.3
Supply voltage
V
DVDD
–0.5
2.3
DVDDLVDS
–0.5
2.3
IOVDD
–0.5
4
INA_P, INA_N
–0.5
AVDD33 + 0.5
V
CLKINP, CLKINN
–0.5
AVDDC + 0.5
V
Voltage applied to input
pins
SYNCP, SYNCN
–0.5
AVDD33 + 0.5
V
SRESET, SDENB, SCLK, SDIO, SDO, ENABLE
–0.5
IOVDD + 0.5
V
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLY
AVDD33
3.15
3.3
3.45
Supply voltage
AVDDC, AVDD18, DVDD, DVDDLVDS
1.7
1.8
1.9
V
IOVDD
1.7
1.8
3.45
GENERAL PARAMETERS
ADC Clock Frequency
40
800 MSPS
Resolution
12
Bits
TJ
Recommended operating junction temperature
105
°C
Maximum rated operating junction temperature(1)
125
TA
Recommended free-air temperature
–40
25
85
°C
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
Copyright © 2013–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS5401


Similar Part No. - ADS5401IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5401 TI-ADS5401 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5401 TI1-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results

Similar Description - ADS5401IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com