Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7040 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS7040
Description  Ultra-Low Power, Ultra-Small Size
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7040 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7040_15 Datasheet HTML 6Page - Texas Instruments ADS7040_15 Datasheet HTML 7Page - Texas Instruments ADS7040_15 Datasheet HTML 8Page - Texas Instruments ADS7040_15 Datasheet HTML 9Page - Texas Instruments ADS7040_15 Datasheet HTML 10Page - Texas Instruments ADS7040_15 Datasheet HTML 11Page - Texas Instruments ADS7040_15 Datasheet HTML 12Page - Texas Instruments ADS7040_15 Datasheet HTML 13Page - Texas Instruments ADS7040_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
-0.5
-0.3
-0.1
0.1
0.3
0.5
0
64
128
192
256
Code
C017
-0.5
-0.3
-0.1
0.1
0.3
0.5
0
64
128
192
256
Code
C018
-0.2
-0.1
0
0.1
0.2
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C015
-0.2
-0.1
0
0.1
0.2
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C016
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C013
Un-Calibrated
Calibrated
-2
-1.5
-1
-0.5
0
0.5
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C014
Un-Calibrated
Calibrated
ADS7040
SBAS676C – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 14. Offset vs Free-Air Temperature
Figure 15. Offset vs Reference Voltage
Figure 16. Gain Error vs Free-Air Temperature
Figure 17. Gain Error vs Reference Voltage
AVDD = 3 V
AVDD = 3 V
Figure 18. Typical DNL
Figure 19. Typical INL
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7040


Similar Part No. - ADS7040_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
More results

Similar Description - ADS7040_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com