Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC121C081 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC121C081
Description  12-Bit Micro Power Digital-to-Analog Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121C081 Datasheet(HTML) 3 Page - Texas Instruments

  DAC121C081_16 Datasheet HTML 1Page - Texas Instruments DAC121C081_16 Datasheet HTML 2Page - Texas Instruments DAC121C081_16 Datasheet HTML 3Page - Texas Instruments DAC121C081_16 Datasheet HTML 4Page - Texas Instruments DAC121C081_16 Datasheet HTML 5Page - Texas Instruments DAC121C081_16 Datasheet HTML 6Page - Texas Instruments DAC121C081_16 Datasheet HTML 7Page - Texas Instruments DAC121C081_16 Datasheet HTML 8Page - Texas Instruments DAC121C081_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
DAC121C081, DAC121C085
www.ti.com
SNAS395E – DECEMBER 2007 – REVISED JANUARY 2016
Product Folder Links: DAC121C081 DAC121C085
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Description (continued)
The DAC121C081 and DAC121C085 use a 2-wire, I2C-compatible serial interface that operates in all three
speed modes, including high-speed mode (3.4 MHz). An external address selection pin allows up to three
DAC121C081 or nine DAC121C085 devices per 2-wire bus. Pin compatible alternatives to the DAC121C081 are
available that provide additional address options.
The DAC121C081 and DAC121C085 each have a 16-bit register that controls the mode of operation, the power-
down condition, and the output voltage. A power-on reset circuit ensures that the DAC output powers up to 0 V.
A power-down feature reduces power consumption to less than a microWatt. Their low power consumption and
small packages make these DACs an excellent choice for use in battery operated equipment. Each DAC
operates over the extended industrial temperature range of
−40°C to +125°C.
The DAC121C081 and DAC121C085 are each part of a family of pin compatible DACs that also provide 8 and
10 bit resolution. For 8-bit DACs see the DAC081C081 and DAC081C085. For 10-bit DACs see the
DAC101C081 and DAC101C085.


Similar Part No. - DAC121C081_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC121C081CIMK/NOPB TI1-DAC121C081CIMK/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081CIMKX/NOPB TI1-DAC121C081CIMKX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081CISD/NOPB TI1-DAC121C081CISD/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081CISDX/NOPB TI1-DAC121C081CISDX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
More results

Similar Description - DAC121C081_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML Datasheet
372Kb / 25P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Railto-
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com