Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8568SPM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8568SPM
Description  16-Bit, 8-Channel, Simultaneous Sampling ADCs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8568SPM Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8568SPM Datasheet HTML 6Page - Texas Instruments ADS8568SPM Datasheet HTML 7Page - Texas Instruments ADS8568SPM Datasheet HTML 8Page - Texas Instruments ADS8568SPM Datasheet HTML 9Page - Texas Instruments ADS8568SPM Datasheet HTML 10Page - Texas Instruments ADS8568SPM Datasheet HTML 11Page - Texas Instruments ADS8568SPM Datasheet HTML 12Page - Texas Instruments ADS8568SPM Datasheet HTML 13Page - Texas Instruments ADS8568SPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
ADS8528, ADS8548, ADS8568
SBAS543C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS8528 ADS8548 ADS8568
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Reference output current is not limited internally.
(2)
Specified by design.
7.5 Electrical Characteristics: General
All minimum and maximum specifications are at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5 V
(internal), VIN = ±10 V, and fDATA = max, unless otherwise noted. Typical values are at TA = 25°C, HVDD = 15 V, HVSS =
–15 V, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
CHXX
Bipolar full-scale range
RANGE pin, RANGE bit = 0
–4 VREF
4 VREF
V
RANGE pin, RANGE bit = 1
–2 VREF
2 VREF
Input capacitance
Input range = ±4 VREF
10
pF
Input range = ±2 VREF
20
Input leakage current
No ongoing conversion
–1
1
μA
Aperture delay
5
ns
Aperture delay matching
Common CONVST for all channels
100
ps
Aperture jitter
50
ps
PSRR
Power-supply rejection ratio
At output code FFFFh, related to HVDD and HVSS
–78
dB
REFERENCE VOLTAGE OUTPUT (REFOUT)
VREF
Reference voltage
2.5-V operation, REFDAC = 3FFh
2.485
2.5
2.515
V
2.5-V operation, REFDAC = 3FFh at 25°C
2.496
2.5
2.504
3.0-V operation, REFDAC = 3FFh
2.985
3.0
3.015
3.0-V operation, REFDAC = 3FFh at 25°C
2.995
3.0
3.005
dVREF/dT
Reference voltage drift
±10
ppm/°C
PSRR
Power-supply rejection ratio
At output code FFFFh, related to AVDD
–77
dB
IREFOUT
Output current
At dc current
–2
2
mA
IREFSC
Short-circuit current(1)
50
mA
tREFON
Turn-on settling time
10
ms
External load capacitance
At REF_xP, REF_xN pins
4.7
10
μF
At REFIO pin
100
470
nF
REFDAC
Tuning range
Internal reference output voltage range
0.2 VREF
VREF
V
REFDAC resolution
10
Bits
DNLDAC
REFDAC differential nonlinearity
–1
±0.1
1
LSB
INLDAC
REFDAC integral nonlinearity
–2
±0.1
2
LSB
VOSDAC
REFDAC offset error
VREF = 0.5 V (DAC = 0CDh)
–4
±0.65
4
LSB
REFERENCE VOLTAGE INPUT (REFIN)
VREFIN
Reference input voltage
0.5
2.5
3.025
V
Input resistance
100
M
Input capacitance
5
pF
Reference input current
1
μA
DIGITAL INPUTS(2) (CMOS with Schmitt-Trigger Logic Family)
High-level input voltage
0.7 DVDD
DVDD +
0.3
V
Low-level input voltage
DGND –
0.3
0.3 DVDD
V
Input current
VI = DVDD to DGND
–50
50
nA
Input capacitance
5
pF
DIGITAL OUTPUTS(2)
Output capacitance
5
pF
Load capacitance
30
pF
High-impedance-state output current
–50
50
nA
Logic family
CMOS
VOH
High-level output voltage
IOH = 100 μA
DVDD –
0.6
V
VOL
Low-level output voltage
IOH = –100 μA
DGND +
0.4
V


Similar Part No. - ADS8568SPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8568SPM TI1-ADS8568SPM Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8568SPMR TI1-ADS8568SPMR Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8568SPMR TI1-ADS8568SPMR Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8568SPM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com