Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC081C085 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC081C085
Description  8-Bit Micro Power Digital-to-Analog Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC081C085 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC081C085 Datasheet HTML 4Page - Texas Instruments DAC081C085 Datasheet HTML 5Page - Texas Instruments DAC081C085 Datasheet HTML 6Page - Texas Instruments DAC081C085 Datasheet HTML 7Page - Texas Instruments DAC081C085 Datasheet HTML 8Page - Texas Instruments DAC081C085 Datasheet HTML 9Page - Texas Instruments DAC081C085 Datasheet HTML 10Page - Texas Instruments DAC081C085 Datasheet HTML 11Page - Texas Instruments DAC081C085 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
DAC081C081, DAC081C085
SNAS449E – FEBRUARY 2008 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC081C081 DAC081C085
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREF = VA, CL = 200 pF to GND, input code range 3 to 252. All
Maximum and Minimum limits apply for TMIN ≤ TA ≤ TMAX and all Typical limits are at TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(1)
UNIT
REFERENCE INPUT CHARACTERISTICS- (DAC081C085 only)
VREF
Input range minimum
1
0.2
V
Input range maximum
VA
V
Input impedance
120
k
LOGIC INPUT CHARACTERISTICS (SCL, SDA)
VIH
Input high voltage
0.7 × VA
V
VIL
Input low voltage
0.3 × VA
V
IIN
Input current
±1
µA
CIN
Input pin capacitance(2)
3
pF
VHYST
Input hysteresis
0.1 × VA
V
LOGIC INPUT CHARACTERISTICS (ADR0, ADR1)
VIH
Input high voltage
VA – 0.5
V
VIL
Input low voltage
0.5
V
IIN
Input current
±1
µA
LOGIC OUTPUT CHARACTERISTICS (SDA)
VOL
Output low voltage
ISINK = 3 mA
0.4
V
ISINK = 6 mA
0.6
V
IOZ
High-impedence output
leakage current
±1
µA
POWER REQUIREMENTS
VA
Supply voltage minimum
2.7
V
Supply voltage maximum
5.5
NORMAL -- VOUT SET TO MIDSCALE. 2-WIRE INTERFACE QUIET (SCL = SDA = VA) (OUTPUT UNLOADED)
IST_VA-1
VA DAC081C081 supply current
VA = 2.7 V to 3.6 V
105
156
µA
VA = 4.5 V to 5.5 V
132
214
µA
IST_VA-5
VA DAC081C085 supply current
VA = 2.7 V to 3.6 V
86
118
µA
VA = 4.5 V to 5.5 V
98
152
µA
IST_VREF
VREF supply current
(DAC081C085 only)
VA = 2.7 V to 3.6 V
37
43
µA
VA = 4.5 V to 5.5 V
53
61
µA
PST
Power consumption
(VA & VREF for DAC081C085)
VA = 3 V
380
µW
VA = 5 V
730
µW
CONTINUOUS OPERATION -- 2-WIRE INTERFACE ACTIVELY ADDRESSING THE DAC AND WRITING TO THE DAC REGISTER
(OUTPUT UNLOADED)
ICO_VA-1
VA DAC081C081 supply current
fSCL = 400 kHz
VA = 2.7 V to
3.6 V
134
220
µA
VA = 4.5 V to
5.5 V
192
300
µA
fSCL = 3.4 MHz
VA = 2.7 V to
3.6 V
225
320
µA
VA = 4.5 V to
5.5 V
374
500
µA


Similar Part No. - DAC081C085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC081C085 NSC-DAC081C085 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C085CIMM NSC-DAC081C085CIMM Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C085CIMMX NSC-DAC081C085CIMMX Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
More results

Similar Description - DAC081C085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com