Electronic Components Datasheet Search |
|
ADS7042IDCUR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
ADS7042IDCUR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 43 page ADS7042 www.ti.com SBAS608C – JUNE 2014 – REVISED DECEMBER 2015 6 Specifications 6.1 Absolute Maximum Ratings (1) MIN MAX UNIT AVDD to GND –0.3 3.9 V DVDD to GND –0.3 3.9 V AINP to GND –0.3 AVDD + 0.3 V AINM to GND –0.3 0.3 V Digital input voltage to GND –0.3 DVDD + 0.3 V Storage temperature, Tstg –60 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 6.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification JESD22-C101(2) ±1000 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT AVDD Analog supply voltage range 1.65 3.6 V DVDD Digital supply voltage range 1.65 3.6 V TA Operating free-air temperature –40 125 °C 6.4 Thermal Information ADS7042 THERMAL METRIC(1) RUG (X2QFN) DCU (VSSOP) UNIT 8 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 177.5 235.8 °C/W RθJC(top) Junction-to-case (top) thermal resistance 51.5 79.8 °C/W RθJB Junction-to-board thermal resistance 76.7 117.6 °C/W ψJT Junction-to-top characterization parameter 1.0 8.9 °C/W ψJB Junction-to-board characterization parameter 76.7 116.5 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance N/A N/A °C/W (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: ADS7042 |
Similar Part No. - ADS7042IDCUR |
|
Similar Description - ADS7042IDCUR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |