Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSO615NV Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BSO615NV
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615NV Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSO615NV Datasheet HTML 1Page - Infineon Technologies AG BSO615NV Datasheet HTML 2Page - Infineon Technologies AG BSO615NV Datasheet HTML 3Page - Infineon Technologies AG BSO615NV Datasheet HTML 4Page - Infineon Technologies AG BSO615NV Datasheet HTML 5Page - Infineon Technologies AG BSO615NV Datasheet HTML 6Page - Infineon Technologies AG BSO615NV Datasheet HTML 7Page - Infineon Technologies AG BSO615NV Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BSO 615NV
Data Sheet
5
05.99
Drain current
ID = f (TA)
0
20
40
60
80
100
120
˚C
160
TA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
A
3.4
BSO 615NV
Power Dissipation
Ptot = f (TA)
0
20
40
60
80
100
120
˚C
160
TA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
W
2.2
BSO 615NV
Safe operating area
ID = f ( VDS )
parameter :
D = 0 , TA = 25 ˚C
10
-1
10
0
10
1
10
2
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
BSO 615NV
R DS(
on)
=
V DS
/
I D
DC
10 ms
1 ms
100 µs
10 µs
t
p
= 4.6µs
Transient thermal impedance
ZthJA = f(tp)
parameter :
D = tp/T
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
s
tp
-1
10
0
10
1
10
2
10
K/W
BSO 615NV
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - BSO615NV

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSO615N INFINEON-BSO615N Datasheet
104Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
BSO615N INFINEON-BSO615N Datasheet
531Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.1 2007-02-21
BSO615NG INFINEON-BSO615NG Datasheet
531Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.1 2007-02-21
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
BSO615NG VBSEMI-BSO615NG Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
Infineon Technologies AG
Infineon Technologies A...
BSO615NG INFINEON-BSO615NG_12 Datasheet
507Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.2 2012-04-04
More results

Similar Description - BSO615NV

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSS123 INFINEON-BSS123_10 Datasheet
128Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-05-12
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSP170P INFINEON-BSP170P_09 Datasheet
298Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.52 2009-02-16
BSP299 INFINEON-BSP299_09 Datasheet
264Kb / 10P
   SIPMOS Small-Signal Transistor
Rev 2.1 2009-03-25
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor
Infineon Technologies AG
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz