Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO615NV Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSO615NV
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615NV Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSO615NV Datasheet HTML 1Page - Infineon Technologies AG BSO615NV Datasheet HTML 2Page - Infineon Technologies AG BSO615NV Datasheet HTML 3Page - Infineon Technologies AG BSO615NV Datasheet HTML 4Page - Infineon Technologies AG BSO615NV Datasheet HTML 5Page - Infineon Technologies AG BSO615NV Datasheet HTML 6Page - Infineon Technologies AG BSO615NV Datasheet HTML 7Page - Infineon Technologies AG BSO615NV Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BSO 615NV
Data Sheet
7
05.99
Typ. transfer characteristics
ID= f (VGS)
parameter:
tp = 80 µs
VDS ≥ 2 x ID x RDS(on) max
0
1
2
3
4
5
V
7
VGS
0
2
4
6
8
10
A
14
Gate threshold voltage
VGS(th) = f (Tj)
parameter :
VGS = VDS, ID = 20 µA
-60
-20
20
60
100
V
160
Tj
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
5.0
min
typ
max
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
-1
10
0
10
1
10
2
10
A
BSO 615NV
T
j = 25 ˚C typ
T
j = 25 ˚C (98%)
T
j = 150 ˚C typ
T
j = 150 ˚C (98%)


Similar Part No. - BSO615NV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615N INFINEON-BSO615N Datasheet
104Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
BSO615N INFINEON-BSO615N Datasheet
531Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.1 2007-02-21
BSO615NG INFINEON-BSO615NG Datasheet
531Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.1 2007-02-21
logo
VBsemi Electronics Co.,...
BSO615NG VBSEMI-BSO615NG Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Guangdong Youtai Semico...
BSO615NG UMW-BSO615NG Datasheet
313Kb / 8P
   PRODUCT SUMMARY
More results

Similar Description - BSO615NV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com