Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSO615NV Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BSO615NV
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615NV Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSO615NV Datasheet HTML 1Page - Infineon Technologies AG BSO615NV Datasheet HTML 2Page - Infineon Technologies AG BSO615NV Datasheet HTML 3Page - Infineon Technologies AG BSO615NV Datasheet HTML 4Page - Infineon Technologies AG BSO615NV Datasheet HTML 5Page - Infineon Technologies AG BSO615NV Datasheet HTML 6Page - Infineon Technologies AG BSO615NV Datasheet HTML 7Page - Infineon Technologies AG BSO615NV Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
1
05.99
SIPMOS® Small-Signal-Transistor
Features
• Dual N Channel
Enhancement mode
• Avalanche rated
• dv/dt rated
Product Summary
Drain source voltage
VDS
60
V
Drain-Source on-state resistance
RDS(on) 0.12 Ω
Continuous drain current
ID
3.1
A
Type
Package
Ordering Code
BSO 615NV
SO 8
Q67041-S2844
Continuous drain current,
one channel active
ID
3.1
A
Pulsed drain current,
one channel active
TA = 25 ˚C
12.4
IDpulse
Avalanche energy, single pulse
ID = 3.1 A, VDD = 25 V, RGS = 25 Ω
mJ
EAS
60
Avalanche current,periodic limited by
Tjmax
IAR
3.1
A
Avalanche energy, periodic limited by
Tjmax
mJ
EAR
0.2
Reverse diode d
v/dt
IS = 3.1 A, VDS = 20 V, di/dt = 200 A/µs,
Tjmax = 150 ˚C
d
v/dt
6
kV/µs
Gate source voltage
V
VGS
±20
Power dissipation,
one channel active
TA = 25 ˚C
Ptot
2
W
Operating temperature
˚C
Tj
-55 ... +150
Storage temperature
Tstg
-55 ... +150
IEC climatic category; DIN IEC 68-1
55/150/56
Maximum Ratings, at
Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Value
Unit
Preliminary Data
BSO 615NV


Similar Part No. - BSO615NV

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSO615N INFINEON-BSO615N Datasheet
104Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
BSO615N INFINEON-BSO615N Datasheet
531Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.1 2007-02-21
BSO615NG INFINEON-BSO615NG Datasheet
531Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.1 2007-02-21
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
BSO615NG VBSEMI-BSO615NG Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
Infineon Technologies AG
Infineon Technologies A...
BSO615NG INFINEON-BSO615NG_12 Datasheet
507Kb / 8P
   SIPMOS Small-signal-Transistor
Rev. 1.2 2012-04-04
More results

Similar Description - BSO615NV

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSS123 INFINEON-BSS123_10 Datasheet
128Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-05-12
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSP170P INFINEON-BSP170P_09 Datasheet
298Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.52 2009-02-16
BSP299 INFINEON-BSP299_09 Datasheet
264Kb / 10P
   SIPMOS Small-Signal Transistor
Rev 2.1 2009-03-25
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor
Infineon Technologies AG
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz