Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF7LN80K5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STF7LN80K5
Description  N-channel 800 V, 0.95typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7LN80K5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STF7LN80K5 Datasheet HTML 5Page - STMicroelectronics STF7LN80K5 Datasheet HTML 6Page - STMicroelectronics STF7LN80K5 Datasheet HTML 7Page - STMicroelectronics STF7LN80K5 Datasheet HTML 8Page - STMicroelectronics STF7LN80K5 Datasheet HTML 9Page - STMicroelectronics STF7LN80K5 Datasheet HTML 10Page - STMicroelectronics STF7LN80K5 Datasheet HTML 11Page - STMicroelectronics STF7LN80K5 Datasheet HTML 12Page - STMicroelectronics STF7LN80K5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STF7LN80K5
Package information
DocID028769 Rev 1
9/13
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.


Similar Part No. - STF7LN80K5

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
   EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
   emi filter/tvs array
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
   Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
Semtech Corporation
STF701TC SEMTECH-STF701TC Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
More results

Similar Description - STF7LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STL7LN80K5 STMICROELECTRONICS-STL7LN80K5 Datasheet
898Kb / 16P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a PowerFLAT??5x6 VHV package
January 2016 Rev 2
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
576Kb / 14P
   N-channel 800 V, 0.470 ??typ., 9 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2014 Rev 4
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
   N-channel 900 V, 1.90 廓 typ., 4 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 2
STF6N90K5 STMICROELECTRONICS-STF6N90K5 Datasheet
716Kb / 13P
   N-channel 900 V, 0.91 廓 typ., 6 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
STF7N90K5 STMICROELECTRONICS-STF7N90K5 Datasheet
712Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220FP package
October 2016 Rev 1
STF8N90K5 STMICROELECTRONICS-STF8N90K5 Datasheet
711Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com