Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF10LN80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF10LN80K5
Description  N-channel 800 V, 0.55typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10LN80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STF10LN80K5 Datasheet HTML 1Page - STMicroelectronics STF10LN80K5 Datasheet HTML 2Page - STMicroelectronics STF10LN80K5 Datasheet HTML 3Page - STMicroelectronics STF10LN80K5 Datasheet HTML 4Page - STMicroelectronics STF10LN80K5 Datasheet HTML 5Page - STMicroelectronics STF10LN80K5 Datasheet HTML 6Page - STMicroelectronics STF10LN80K5 Datasheet HTML 7Page - STMicroelectronics STF10LN80K5 Datasheet HTML 8Page - STMicroelectronics STF10LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STF10LN80K5
Electrical ratings
DocID027751 Rev 3
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 30
V
ID
(1)
Drain current (continuous) at TC = 25 °C
8
A
ID
(1)
Drain current (continuous) at TC = 100 °C
5
A
ID
(2)
Drain current pulsed
32
A
PTOT
Total dissipation at TC = 25 °C
25
W
VISO
Insulation withstand voltage (RMS) from all three leads to
external heat sink (t=1s; TC=25°C)
2500
V
dv/dt
(3)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(4)
MOSFET dv/dt ruggedness
50
Tj
Operating junction temperature
- 55 to 150
°C
Tstg
Storage temperature
Notes:
(1)
Limited by maximum junction temperature.
(2)
Pulse width limited by safe operating area
(3)
ISD≤ 8 A, di/dt≤100 A/μs; VDS peak ≤ V(BR)DSS
(4)
VDS ≤ 640 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
5
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse width
limited by Tjmax)
2.7
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAR,
VDD = 50 V)
240
mJ


Similar Part No. - STF10LN80K5

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STF1006 SUPERWORLD-STF1006 Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006102YZF SUPERWORLD-STF1006102YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006121YZF SUPERWORLD-STF1006121YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006202YZF SUPERWORLD-STF1006202YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006251YZF SUPERWORLD-STF1006251YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
More results

Similar Description - STF10LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STP10LN80K5 STMICROELECTRONICS-STP10LN80K5 Datasheet
741Kb / 14P
   N-channel 800 V, 0.55 typ., 8 A MDmesh K5 Power MOSFET in a TO-220 package
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STF8N90K5 STMICROELECTRONICS-STF8N90K5 Datasheet
711Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
   N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
March 2016
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
576Kb / 14P
   N-channel 800 V, 0.470 ??typ., 9 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2014 Rev 4
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
   N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
February 2016
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
   N-channel 900 V, 1.90 廓 typ., 4 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com