Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF43N60DM2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF43N60DM2
Description  N-channel 600 V, 0.085typ., 34 A MDmesh??DM2 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF43N60DM2 Datasheet(HTML) 2 Page - STMicroelectronics

  STF43N60DM2 Datasheet HTML 1Page - STMicroelectronics STF43N60DM2 Datasheet HTML 2Page - STMicroelectronics STF43N60DM2 Datasheet HTML 3Page - STMicroelectronics STF43N60DM2 Datasheet HTML 4Page - STMicroelectronics STF43N60DM2 Datasheet HTML 5Page - STMicroelectronics STF43N60DM2 Datasheet HTML 6Page - STMicroelectronics STF43N60DM2 Datasheet HTML 7Page - STMicroelectronics STF43N60DM2 Datasheet HTML 8Page - STMicroelectronics STF43N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Contents
STF43N60DM2
2/13
DocID026789 Rev 2
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 8
4
Package information ....................................................................... 9
4.1
TO-220FP package information ...................................................... 10
5
Revision history ............................................................................ 12


Similar Part No. - STF43N60DM2

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STF40100C SMC-STF40100C Datasheet
93Kb / 5P
   SCHOTTKY RECTIFIER
STF40120C SMC-STF40120C Datasheet
84Kb / 4P
   SCHOTTKY RECTIFIER
STF40150C SMC-STF40150C Datasheet
84Kb / 4P
   SCHOTTKY RECTIFIER
STF40200C SMC-STF40200C Datasheet
84Kb / 4P
   SCHOTTKY RECTIFIER
STF4045C SMC-STF4045C Datasheet
161Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - STF43N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a D짼PAK package
July 2015 Rev 1
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
   Automotive-grade N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 1
STF28N60DM2 STMICROELECTRONICS-STF28N60DM2 Datasheet
717Kb / 12P
   N-channel 600 V, 0.13 廓 typ., 21 A MDmesh??DM2 Power MOSFET in a TO-220FP package
October 2015 Rev 2
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
   N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
June 2019 Rev 5
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
   N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
   N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
March 2020 Rev 3
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
   N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
STW56N60DM2 STMICROELECTRONICS-STW56N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.052 廓 typ., 50 A MDmesh??DM2 Power MOSFET in a TO-247 package
June 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com