Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC31JB68RTAT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31JB68RTAT
Description  Single Channel 16-bit 500 Msps Analog to Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31JB68RTAT Datasheet(HTML) 4 Page - Texas Instruments

  ADC31JB68RTAT Datasheet HTML 1Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 2Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 3Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 4Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 5Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 6Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 7Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 8Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
VA3.0
VA1.2
VA3.0
SYNC+
50:
50:
SYNC-
2k:
1.8V
1.5k:
1.5k:
34k:
34k:
3pF
2k:
1.8V
VA3.0
+
-
SYSREF+
SYSREF-
50:
0.5V
50:
12k:
VA1.2
3k:
1k:
AGND
VA3.0
+
-
CLKIN+
CLKIN-
50:
0.5V
50:
10k:
AGND
VA1.2
VA3.0
VIN+
VIN-
100:
100:
VCM
+
-
VA3.0
VA3.0
ADC31JB68
SLASE60A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions
PIN
TYPE or DIAGRAM
DESCRIPTION
NAME
NO.
INPUT/REFERENCE
Differential analog input pins.
VIN+
The differential full-scale signal level is 1.7 Vpp. Each input pin is terminated to the
4, 5
internal 1.6V common-mode reference with a 100
Ω resistor for a 200 Ω total
VIN–
differential termination.
Input Interface Common mode voltage.
This pin must be bypassed to AGND with a low ESL (equivalent series inductance)
0.1 µF capacitor that is placed as close to the pin as possible to minimize stray
inductance. A 10 µF capacitor should also be placed in parallel. It is recommended to
VCM
7
use VCM to provide the common mode voltage for the differential analog inputs. The
input common-mode bias is provided internally for the ADC input, therefore external
use of VCM is recommended but not strictly required. The recommended decoupling
is always required.
CLOCK/SYNC
Differential device clock input pins.
AC coupling is recommended for coupling the clock input to these pins. DC biasing of
CLKIN+
the clock receiver is provided internally. Each pin is internally terminated to the
11, 12
500mV DC bias with 50
Ω resistor for a 100 Ω total internal differential termination
CLKIN–
resistor. Sampling occurs on the falling edge of the differential signal (CLKIN+)
(CLKIN-).
Differential SYSREF signal input pins.
Each pin is internally terminated to the DC bias with a large resistor. An internal 100
SYSREF+,
17, 18
Ω differential termination is provided therefore an external termination is not required.
SYSREF–
Additional resistive components in the input structure give the SYSREF input a wide
input common mode range.
Differential SYNCb signal input pins.
DC coupling is required for coupling the SYNCb signal to these pins. Each pin is
internally terminated to the DC bias with a large resistor. An internal 100
Ω differential
SYNCb+
19, 20
termination is provided therefore an external termination is not required. Additional
SYNCb–
resistive components in the input structure give the SYNCb input a wide input
common mode range. The SYNCb signal is active low and is therefore asserted when
the voltage at SYNCb+ is less than at SYNCb–.
SERIAL INTERFACE (SPI)
SPI Interface Serial Clock pin.
SCLK
32
Serial data is shifted into and out of the device synchronous with this clock signal.
Compatible with 1.2–3.0V CMOS logic levels.
SPI Interface Chip Select pin.
When this signal is asserted, SCLK is used to clock input serial data on the SDI pin or
output serial data on the SDO pin. When this signal is de-asserted, the SDO pin is
CSB
31
high impedance and the input data is ignored. Active low. A 1k
Ω pull-up resistor to the
VA1.8 supply is recommended to prevent undesired activation of the SPI bus.
Compatible with 1.2–3.0V CMOS logic levels.
SPI Interface Data Input pin.
SDI
33
Serial data is shifted into the device on this pin while the CSB signal is asserted.
Compatible with 1.2-3.0V CMOS logic levels.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADC31JB68


Similar Part No. - ADC31JB68RTAT

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC311 MPSIND-ADC311 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC312 MPSIND-ADC312 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC313 MPSIND-ADC313 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC314 MPSIND-ADC314 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC315 MPSIND-ADC315 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
More results

Similar Description - ADC31JB68RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com