Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC31JB68RTAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31JB68RTAT
Description  Single Channel 16-bit 500 Msps Analog to Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31JB68RTAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC31JB68RTAT Datasheet HTML 7Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 8Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 9Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 10Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 11Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 12Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 13Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 14Page - Texas Instruments ADC31JB68RTAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
ADC31JB68
www.ti.com
SLASE60A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
Electrical Characteristics - Interface (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC Sampling Rate = 500 MSPS, 50%
clock duty cycle, VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = VACLK1.2 = 1.2 V; –1 dBFS differential input; R(term) = 100 Ω (unless
otherwise noted). See the Interface Circuits section.
PARAMETER
NOTES
MIN
TYP
MAX
UNIT
Z(rdiff)
Input termination resistance(2)
Differential resistance at DC
100
Ω
CT
Input capacitance(2)
Differential
1
pF
SERDES OUTPUT (SO0+/-, SO1+/-) Meets JESD204B LV-OIF-11G-SR Standard
Differential peak-peak voltage
De-emphasis disabled (DEM = 0)
VOD = 0
400
VOD = 1
470
VOD = 2
540
VOD
Output differential voltage(3)
mV
VOD = 3
610
VOD = 4
670
VOD = 5
740
VOD = 6
790
VOD = 7
840
Configurable via SPI
VOD configured to 4
DEM=0
0.0
DEM=1
–0.8
DEM=2
–2.4
R(deepm) Transmitter de-emphasis range
dB
DEM=3
–3.8
DEM=4
–4.9
DEM=5
–6.3
DEM=6
–7.7
DEM=7
–10.3
Transmitter terminals shorted to each other
ISC
Transmitter short circuit current
23
mA
or ground, power on
Z(ddiff)
Differential output impedance(4)
100
Ω
Relative to 100
Ω
Differential output return loss
RL(ddiff)
For frequencies from 100 MHz to 0.75 x
–8.5
dB
magnitude
Baud Rate; Default VOD and DEM.
SCLK, SDI, CSB INPUT
Inputs are compatible with 1.2-V up to 3-V
VIH
Logical 1 input voltage
0.9
V
logic.
VIL
Logical 0 input voltage
0.3
V
IIN0
Logic low input current
4
nA
IIN1
Logic high input current
–8
nA
CIN
Input capacitance
2
pF
SDO/OVR OUTPUT
VOH
Logical 1 output voltage(5)
VSPI = 1.2, 1.8, or 3 V ; Configurable via SPI
VSPI – 0.2
VSPI
(5)
V
VOL
Logical 0 output voltage(5)
0
0.3
V
+ISC
Logic high short circuit current
VSPI = 1.8 V
9
mA
–ISC
Logic low short circuit current
VSPI = 1.8 V
–14
mA
(3)
Specification applies to the electrical level diagram of Figure 28
(4)
Specification applies to the electrical circuit diagram of Figure 29
(5)
The SPI_CFG register must be changed to a supported output logic level after power up and before a SPI read command is executed.
Until that time, the output voltage on SDO/OVR may be as high as the VA3.0 supply during a SPI read command. The SDO/OVR output
is high-Z at all times except during a read command.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC31JB68


Similar Part No. - ADC31JB68RTAT

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC311 MPSIND-ADC311 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC312 MPSIND-ADC312 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC313 MPSIND-ADC313 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC314 MPSIND-ADC314 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC315 MPSIND-ADC315 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
More results

Similar Description - ADC31JB68RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com