Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12J4000NKET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12J4000NKET
Description  12-Bit 4 GSPS ADC With Integrated DDC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J4000NKET Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12J4000NKET Datasheet HTML 7Page - Texas Instruments ADC12J4000NKET Datasheet HTML 8Page - Texas Instruments ADC12J4000NKET Datasheet HTML 9Page - Texas Instruments ADC12J4000NKET Datasheet HTML 10Page - Texas Instruments ADC12J4000NKET Datasheet HTML 11Page - Texas Instruments ADC12J4000NKET Datasheet HTML 12Page - Texas Instruments ADC12J4000NKET Datasheet HTML 13Page - Texas Instruments ADC12J4000NKET Datasheet HTML 14Page - Texas Instruments ADC12J4000NKET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
ADC12J4000
www.ti.com
SLAS989C – JANUARY 2014 – REVISED JULY 2015
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 4 GHz at 0.5 VPP with 50% duty
cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical values are at
TA = 25°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
–75
TA = 25°C
–76
TA = TMIN to TMAX
–60
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
Interleaving offset spur at ½
mode
ƒS/2
TA = 25°C, calibration = BG
–68
dBFS
sampling rate
TA = TMIN to TMAX, calibration = BG
–55
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
–75
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
–75
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
–68
TA = 25°C
–70
TA = TMIN to TMAX
–55
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
Interleaving offset spur at ¼
mode
ƒS/4
TA = 25°C, calibration = BG
–61
dBFS
sampling rate
TA = TMIN to TMAX, calibration = BG
–47.4
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
–68
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
–68
TA = 25°C
–77
Interleaving offset spur at ½
TA = TMIN to TMAX
–61.7
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/2 – FIN
sampling rate – input
dBFS
mode
TA = 25°C, calibration = BG
–70
frequency
TA = TMIN to TMAX, calibration = BG
–51.9
TA = 25°C
–74
Interleaving offset spur at ¼
TA = TMIN to TMAX
–60
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/4 + FIN
sampling rate + input
dBFS
mode
TA = 25°C, calibration = BG
–66
frequency
TA = TMIN to TMAX, calibration = BG
–52
TA = 25°C
–76
Interleaving offset spur at ¼
TA = TMIN to TMAX
–60.4
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/4 – FIN
sampling rate – input
dBFS
mode
TA = 25°C, calibration = BG
–67
frequency
TA = TMIN to TMAX, calibration = BG
–53.3
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
–72
TA = 25°C
–70
TA = TMIN to TMAX
–60
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
mode
THD
Total harmonic distortion
TA = 25°C, calibration = BG
–72
dBFS
TA = TMIN to TMAX, calibration = BG
–60
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
–68
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
–74
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
–85
TA = 25°C
–80
TA = TMIN to TMAX
–62
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
mode
HD2
Second harmonic distortion
TA = 25°C, calibration = BG
–80
dBFS
TA = TMIN to TMAX, calibration = BG
–62.5
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
–71
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
–79
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
–73
TA = 25°C
–75
TA = TMIN to TMAX
–61
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
mode
HD3
Third harmonic distortion
TA = 25°C, calibration = BG
–80
dBFS
TA = TMIN to TMAX, calibration = BG
–61.7
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
–74
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
–76
–149
dBFS/Hz
50-
Ω AC-coupled terminated input
Noise spectral density,
–150.8
dBm/Hz
NSD
average NSD across Nyquist
12-bit DDC bypass mode
–147.8
dBFS/Hz
bandwidth
FIN = 600 MHz, –1 dBFS
–149.6
dBm/Hz
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12J4000


Similar Part No. - ADC12J4000NKET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKE TI1-ADC12J1600NKE Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKER TI1-ADC12J1600NKER Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKET TI1-ADC12J1600NKET Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J4000NKET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600_16 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Texas Instruments
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Texas Instruments
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com