Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3442IRTQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3442IRTQR
Description  Analog-to-Digital Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3442IRTQR Datasheet(HTML) 1 Page - Texas Instruments

  ADC3442IRTQR Datasheet HTML 1Page - Texas Instruments ADC3442IRTQR Datasheet HTML 2Page - Texas Instruments ADC3442IRTQR Datasheet HTML 3Page - Texas Instruments ADC3442IRTQR Datasheet HTML 4Page - Texas Instruments ADC3442IRTQR Datasheet HTML 5Page - Texas Instruments ADC3442IRTQR Datasheet HTML 6Page - Texas Instruments ADC3442IRTQR Datasheet HTML 7Page - Texas Instruments ADC3442IRTQR Datasheet HTML 8Page - Texas Instruments ADC3442IRTQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D101
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC3441, ADC3442, ADC3443, ADC3444
SBAS670A – JULY 2014 – REVISED OCTOBER 2015
ADC344x Quad-Channel, 14-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
1 Features
3 Description
The ADC344x are a high-linearity, ultra-low power,
1
Quad Channel
quad-channel,
14-bit,
25-MSPS
to
125-MSPS,
14-Bit Resolution
analog-to-digital converter (ADC) family. The devices
Single Supply: 1.8 V
are designed specifically to support demanding, high
input frequency signals with large dynamic range
Serial LVDS Interface
requirements. An input clock divider allows more
Flexible Input Clock Buffer with Divide-by-1, -2, -4
flexibility for system clock architecture design while
SNR = 72.4 dBFS, SFDR = 87 dBc at
the
SYSREF
input
enables
complete
system
fIN = 70 MHz
synchronization. The ADC344x family supports serial
low-voltage differential signaling (LVDS) in order to
Ultra-Low Power Consumption:
reduce the number of interface lines, thus allowing for
98 mW/Ch at 125 MSPS
high system integration density. The serial LVDS
Channel Isolation: 105 dB
interface is two-wire, where each ADC data are
Internal Dither and Chopper
serialized and output over two LVDS pairs. An
internal
phase-locked
loop
(PLL)
multiplies
the
Support for Multi-Chip Synchronization
incoming ADC sampling clock to derive the bit clock
Pin-to-Pin Compatible with 12-Bit Version
that is used to serialize the 14-bit output data from
Package: VQFN-56 (8 mm × 8 mm)
each channel. In addition to the serial data streams,
the frame and bit clocks are also transmitted as
LVDS outputs.
2 Applications
Multi-Carrier, Multi-Mode Cellular Base Stations
Device Information(1)
Radar and Smart Antenna Arrays
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Munitions Guidance
ADC344x
VQFN (56)
8.00 mm × 8.00 mm
Motor Control Feedback
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Network and Vector Analyzers
Communications Test Equipment
space
Nondestructive Testing
space
Microwave Receivers
space
Software-Defined Radios (SDRs)
space
Quadrature and Diversity Radio Receivers
space
space
Spectrum at 10-MHz IF
(SFDR = 95 dBc, SNR = 72.7 dBFS, SINAD = 72.6 dBFS,
THD = 100 dBc, HD2 = 95 dBc, HD3 = 96 dBc)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC3442IRTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421IRTQ25 TI1-ADC3421IRTQ25 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421IRTQR TI1-ADC3421IRTQR Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADC3442IRTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com