Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1262 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1262
Description  32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1262 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1262 Datasheet HTML 3Page - Texas Instruments ADS1262 Datasheet HTML 4Page - Texas Instruments ADS1262 Datasheet HTML 5Page - Texas Instruments ADS1262 Datasheet HTML 6Page - Texas Instruments ADS1262 Datasheet HTML 7Page - Texas Instruments ADS1262 Datasheet HTML 8Page - Texas Instruments ADS1262 Datasheet HTML 9Page - Texas Instruments ADS1262 Datasheet HTML 10Page - Texas Instruments ADS1262 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
ADS1262, ADS1263
www.ti.com
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VAVDD to VAVSS
4.75
5
5.25
V
Analog power supply
VAVSS to VDGND
–2.6
0
V
Digital power supply
VDVDD to VDGND
2.7
5.25
V
ADC1 ANALOG INPUTS
FSR
Full-scale differential input voltage range(1)
–VREF / Gain
VREF / Gain
V
PGA enabled
See Equation 12
V
VINP,VINN Absolute input voltage
(2)
PGA bypassed
VAVSS – 0.1
VAVDD + 0.1
V
ADC2 ANALOG INPUTS (ADS1263)
Full-scale differential input voltage range
–VREF / Gain
VREF / Gain
V
Gain = 1, 2 and 4
VAVSS – 0.1
VAVDD + 0.1
V
Absolute input voltage
Gain = 8 to 128
See Equation 15
V
VOLTAGE REFERENCE INPUTS
VAVDD – VAVSS
VREF
Differential reference voltage
VREF = VREFP – VREFN
0.9
V
+ 0.2
VREFN
Negative reference voltage
VAVSS – 0.1
VREFP – 0.9
V
VREFP
Positive reference voltage
VREFN + 0.9
VAVDD + 0.1
V
CLOCK INPUT
External clock frequency
1
7.3728
8
MHz
fCLK
External clock duty cycle
30%
70%
External crystal frequency
1
7.3728
8
MHz
GENERAL-PURPOSE INPUT/OUTPUT (GPIO)
Input voltage
VAVSS
VAVDD
V
DIGITAL INPUTS (other than GPIO)
Input voltage
VDGND
VDVDD
V
TEMPERATURE
TA
Operating ambient temperature
–40
125
°C
(1)
FSR is the ideal full-scale differential input voltage range, excluding noise, offset and gain errors. For ADC1, the maximum FSR is
achieved with VREF = 5 V and the PGA bypassed. If the PGA is enabled and VREF = 5 V, the FSR is limited by the PGA input range. For
ADC2, if VREF = 5 V and gains = 8 to 128 then FSR is limited by the PGA input range.
(2)
VINP, VINN = Absolute Input Voltage. VIN = Differential Input Voltage = VINP – VINN.
7.4 Thermal Information
ADS126x
THERMAL METRIC(1)
PW (TSSOP)
UNIT
28 PINS
RθJA
Junction-to-ambient thermal resistance
65.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
13.6
°C/W
RθJB
Junction-to-board thermal resistance
23.6
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
23.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1262 ADS1263


Similar Part No. - ADS1262

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADS1262 TAOS-ADS1262 Datasheet
2Mb / 134P
   ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
More results

Similar Description - ADS1262

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADS1262 TAOS-ADS1262 Datasheet
2Mb / 134P
   ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com