Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8674IDBTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8674IDBTR
Description  4- and 8-Channel, Single-Supply, SAR ADCs
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8674IDBTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8674IDBTR Datasheet HTML 6Page - Texas Instruments ADS8674IDBTR Datasheet HTML 7Page - Texas Instruments ADS8674IDBTR Datasheet HTML 8Page - Texas Instruments ADS8674IDBTR Datasheet HTML 9Page - Texas Instruments ADS8674IDBTR Datasheet HTML 10Page - Texas Instruments ADS8674IDBTR Datasheet HTML 11Page - Texas Instruments ADS8674IDBTR Datasheet HTML 12Page - Texas Instruments ADS8674IDBTR Datasheet HTML 13Page - Texas Instruments ADS8674IDBTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
1
2
14
15
16
17
23
24
25
26
27
28
29
30
SCLK
CS
D7
#2
D6
#2
D5
#2
D4
#2
D3
#2
D2
#2
SDO
tSU_CSCK
tDV_CSDO
tHT_CKDO
tSU_DOCK
tDZ_CSDO
Sample
N
Sample
N + 1
tACQ
tCONV
tS
Data from sample N
tPH_CS
31
32
D13
#2
D12
#2
18
D1
#2
D0
#2
B15
B14
B2
B1
B0
X
X
X
X
X
X
SDI
X
X
X
X
X
X
tPH_CK
tPL_CK
tSCLK
tSU_DICK
tHT_CKDI
tD_CKCS
7
8
9
B9
B8
B7
B10
B3
D7
#1
D6
#1
D5
#1
D4
#1
D3
#1
D2
#1
DAISY
D13
#1
D12
#1
D1
#1
D0
#1
tHT_CKDSY
tSU_DSYCK
ADS8674, ADS8678
SBAS627 – JULY 2015
www.ti.com
7.6 Timing Requirements: Serial Interface
Minimum and maximum specifications are at TA = –40°C to 125°C. Typical specifications are at TA = 25°C.
AVDD = 5 V, DVDD = 3 V, VREF = 4.096 V (internal), SDO load = 20 pF, and fSAMPLE = 500 kSPS, unless otherwise noted.
MIN
TYP
MAX
UNIT
TIMING SPECIFICATIONS
fS
Sampling frequency (fCLK = max)
500
kSPS
tS
ADC cycle time period (fCLK = max)
2
µs
fSCLK
Serial clock frequency (fS = max)
17
MHz
tSCLK
Serial clock time period (fS = max)
59
ns
tCONV
Conversion time
850
ns
tDZ_CSDO
Delay time: CS falling to data enable
10
ns
tD_CKCS
Delay time: last SCLK falling to CS rising
10
ns
tDZ_CSDO
Delay time: CS rising to SDO going to 3-state
10
ns
TIMING REQUIREMENTS
tACQ
Acquisition time
1150
ns
tPH_CK
Clock high time
0.4
0.6
tSCLK
tPL_CK
Clock low time
0.4
0.6
tSCLK
tPH_CS
CS high time
30
ns
tSU_CSCK
Setup time: CS falling to SCLK falling
30
ns
tHT_CKDO
Hold time: SCLK falling to (previous) data valid on SDO
10
ns
tSU_DOCK
Setup time: SDO data valid to SCLK falling
25
ns
tSU_DICK
Setup time: SDI data valid to SCLK falling
5
ns
tHT_CKDI
Hold time: SCLK falling to (previous) data valid on SDI
5
ns
tSU_DSYCK
Setup time: DAISY data valid to SCLK falling
5
ns
tHT_CKDSY
Hold time: SCLK falling to (previous) data valid on DAISY
5
ns
Figure 1. Serial Interface Timing Diagram
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS8674 ADS8678


Similar Part No. - ADS8674IDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPW TI1-ADS8671IPW Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPWR TI1-ADS8671IPWR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMR TI1-ADS8671IRUMR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMT TI1-ADS8671IRUMT Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results

Similar Description - ADS8674IDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com