Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8668 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8668
Description  4- and 8-Channel, Single-Supply, SAR ADCs
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8668 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8668 Datasheet HTML 4Page - Texas Instruments ADS8668 Datasheet HTML 5Page - Texas Instruments ADS8668 Datasheet HTML 6Page - Texas Instruments ADS8668 Datasheet HTML 7Page - Texas Instruments ADS8668 Datasheet HTML 8Page - Texas Instruments ADS8668 Datasheet HTML 9Page - Texas Instruments ADS8668 Datasheet HTML 10Page - Texas Instruments ADS8668 Datasheet HTML 11Page - Texas Instruments ADS8668 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
ADS8664, ADS8668
SBAS492 – JULY 2015
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –40°C to 125°C. Typical specifications are at TA = 25°C.
AVDD = 5 V, DVDD = 3 V, VREF = 4.096 V (internal), and fSAMPLE = 500 kSPS, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
DYNAMIC CHARACTERISTICS
Input range = ±2.5 × VREF
73
73.85
A
Input range = ±1.25 × VREF
73
73.85
A
Input range = ±0.625 × VREF
73
73.85
A
Input range = ±0.3125 × VREF
72.7
73.5
A
Signal-to-noise ratio
SNR
Input range = ±0.15625 × VREF
71.4
72.5
dB
A
(VIN – 0.5 dBFS at 1 kHz)
Input range = 2.5 × VREF
73
73.85
A
Input range = 1.25 × VREF
73
73.85
A
Input range = 0.625 × VREF
72.7
73.5
A
Input range = 0.3125 × VREF
71.4
72.5
A
Total harmonic distortion(6)
THD
All input ranges
–95
dB
B
(VIN – 0.5 dBFS at 1 kHz)
Input range = ±2.5 × VREF
73
73.8
A
Input range = ±1.25 × VREF
73
73.8
A
Input range = ±0.625 × VREF
73
73.8
A
Input range = ±0.3125 × VREF
72.7
73.5
A
Signal-to-noise ratio
SINAD
Input range = ±0.15625 × VREF
71.4
72.5
dB
A
(VIN – 0.5 dBFS at 1 kHz)
Input range = 2.5 × VREF
73
73.8
A
Input range = 1.25 × VREF
73
73.8
A
Input range = 0.625 × VREF
72.7
73.5
A
Input range = 0.3125 × VREF
71.4
72.5
A
Spurious-free dynamic range
SFDR
All input ranges
97
dB
B
(VIN – 0.5 dBFS at 1 kHz)
Aggressor channel input overdriven
Crosstalk isolation(7)
110
dB
B
to 2 × maximum input voltage
Aggressor channel input overdriven
Crosstalk memory(8)
90
dB
B
to 2 × maximum input voltage
BW(–3 dB)
Small-signal bandwidth, –3 dB
At TA = 25°C, all input ranges
15
kHz
B
BW(–0.1 dB)
Small-signal bandwidth, –0.1 dB
At TA = 25°C, all input ranges
2.5
kHz
B
AUXILIARY CHANNEL
Resolution
12
Bits
A
V(AUX_IN)
AUX_IN voltage range
(AUX_IN – AUX_GND)
0
VREF
V
A
AUX_IN
0
VREF
V
A
Operating input range
AUX_GND
0
V
A
During sampling
75
pF
C
Ci
Input capacitance
During conversion
5
pF
C
IIkg(in)
Input leakage current
100
nA
A
DNL
Differential nonlinearity
–0.5
±0.2
0.5
LSB
A
INL
Integral nonlinearity
–0.75
±0.5
0.75
LSB
A
EG(AUX)
Gain error
At TA = 25°C
±0.02
±0.2
%FSR
A
EO(AUX)
Offset error
At TA = 25°C
–5
5
mV
A
SNR
Signal-to-noise ratio
V(AUX_IN) = –0.5 dBFS at 1 kHz
73.2
73.7
dB
A
THD
Total harmonic distortion(6)
V(AUX_IN) = –0.5 dBFS at 1 kHz
–90
dB
B
SINAD
Signal-to-noise + distortion
V(AUX_IN) = –0.5 dBFS at 1 kHz
72.5
73.5
dB
A
SFDR
Spurious-free dynamic range
V(AUX_IN) = –0.5 dBFS at 1 kHz
93
dB
B
(6)
Calculated on the first nine harmonics of the input frequency.
(7)
Isolation crosstalk is measured by applying a full-scale sinusoidal signal up to 10 kHz to a channel, not selected in the multiplexing
sequence, and measuring its effect on the output of any selected channel.
(8)
Memory crosstalk is measured by applying a full-scale sinusoidal signal up to 10 kHz to a channel that is selected in the multiplexing
sequence, and measuring its effect on the output of the next selected channel for all combinations of input channels.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS8664 ADS8668


Similar Part No. - ADS8668

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661IPW TI1-ADS8661IPW Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661IPWR TI1-ADS8661IPWR Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661IRUMR TI1-ADS8661IRUMR Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661IRUMT TI1-ADS8661IRUMT Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results

Similar Description - ADS8668

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com