Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS113A Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS113A
Description  TEMPFET(N-channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS113A Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS113A Datasheet HTML 2Page - Infineon Technologies AG BTS113A Datasheet HTML 3Page - Infineon Technologies AG BTS113A Datasheet HTML 4Page - Infineon Technologies AG BTS113A Datasheet HTML 5Page - Infineon Technologies AG BTS113A Datasheet HTML 6Page - Infineon Technologies AG BTS113A Datasheet HTML 7Page - Infineon Technologies AG BTS113A Datasheet HTML 8Page - Infineon Technologies AG BTS113A Datasheet HTML 9Page - Infineon Technologies AG BTS113A Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TEMPFET® BTS 113 A
7
19.02.04
Continuous drain current
I
D = f (TC)
Parameter:
V
GS
4.5 V
Typ. gate-source leakage current
I
GSS = f (TC)
Parameter:
V
GS = 10 V, VDS = 0
Forward characteristics of reverse diode
I
F = f (VSD)
Parameter
:T
j, tp = 80
s
Typ. capacitances
C = f (V
DS)
Parameter:
V
GS = 0, f = 1 MHz


Similar Part No. - BTS113A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS113A SIEMENS-BTS113A Datasheet
309Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
More results

Similar Description - BTS113A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS132 INFINEON-BTS132 Datasheet
528Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
logo
Siemens Semiconductor G...
BTS113A SIEMENS-BTS113A Datasheet
309Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS132 SIEMENS-BTS132 Datasheet
289Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS131 INFINEON-BTS131 Datasheet
525Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
logo
Siemens Semiconductor G...
BTS115A SIEMENS-BTS115A Datasheet
307Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS121A SIEMENS-BTS121A Datasheet
324Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS131 SIEMENS-BTS131 Datasheet
295Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS115A INFINEON-BTS115A Datasheet
546Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS121A INFINEON-BTS121A Datasheet
563Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com