Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7562SQDGSRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7562SQDGSRQ1
Description  Low-Power, Buffered, Voltage-Output DACs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7562SQDGSRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7562SQDGSRQ1 Datasheet HTML 1Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 2Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 3Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 4Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 5Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 6Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 7Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 8Page - Texas Instruments DAC7562SQDGSRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
V
A
OUT
V
B
OUT
GND
LDAC
CLR
1
2
3
4
5
6
7
8
9
10
SYNC
SCLK
D
IN
AV
DD
V
/V
REFIN
REFOUT
DAC7562-Q1, DAC7563-Q1
DAC8162-Q1, DAC8163-Q1
DAC8562-Q1, DAC8563-Q1
www.ti.com
SLAS950A – MAY 2013 – REVISED JUNE 2015
5 Device Comparison Table
MAXIMUM RELATIVE
MAXIMUM DIFFERENTIAL
MAXIMUM REFERENCE
PART NUMBER
RESOLUTION
RESET TO
ACCURACY (LSB)
NONLINEARITY (LSB)
DRIFT (ppm/°C)
DAC7562-Q1
Zero
12-bit
±0.75
±0.25
10
DAC7563-Q1
Mid-scale
DAC8162-Q1
Zero
14-bit
±3
±0.5
10
DAC8163-Q1
Mid-scale
DAC8562-Q1
Zero
16-bit
±12
±1
10
DAC8563-Q1
Mid-scale
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
AVDD
9
Power-supply input, 2.7 V to 5.5 V
Asynchronous clear input. The CLR input is falling-edge sensitive. When CLR is activated, zero scale (DACxx62-
Q1) or mid-scale (DACxx63-Q1) is loaded to all input and DAC registers. This sets the DAC output voltages
CLR
5
accordingly. The part exits clear code mode on the 24th falling edge of the next write to the part. If CLR is
activated during a write sequence, the write is aborted.
Serial data input. Data are clocked into the 24-bit input shift register on each falling edge of the serial clock input.
DIN
8
Schmitt-trigger logic input
GND
3
Ground reference point for all circuitry on the device
In synchronous mode, data are updated with the falling edge of the 24th SCLK cycle, which follows a falling edge
of SYNC. For such synchronous updates, the LDAC pin is not required, and it must be connected to GND
permanently or asserted and held low before sending commands to the device.
LDAC
4
In asynchronous mode, the LDAC pin is used as a negative edge-triggered timing signal for simultaneous DAC
updates. Multiple single-channel commands can be written in order to set different channel buffers to desired
values and then make a falling edge on LDAC pin to simultaneously update the DAC output registers.
SCLK
7
Serial clock input. Data can be transferred at rates up to 50 MHz. Schmitt-trigger logic input
Level-triggered control input (active-low). This input is the frame synchronization signal for the input data. When
SYNC goes low, it enables the input shift register, and data are sampled on subsequent falling clock edges. The
SYNC
6
DAC output updates following the 24th clock falling edge. If SYNC is taken high before the 23rd clock edge, the
rising edge of SYNC acts as an interrupt, and the write sequence is ignored by the DAC756x-Q1, DAC816x-Q1,
DAC856x-Q1. Schmitt-trigger logic input
VOUTA
1
Analog output voltage from DAC-A
VOUTB
2
Analog output voltage from DAC-B
VREFIN/VREFOUT
10
Bidirectional voltage reference pin. If internal reference is used, 2.5-V output.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC7562-Q1 DAC7563-Q1 DAC8162-Q1 DAC8163-Q1 DAC8562-Q1 DAC8563-Q1


Similar Part No. - DAC7562SQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
DAC7562SDGST TI1-DAC7562SDGST Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7562SDGST TI1-DAC7562SDGST Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Similar Description - DAC7562SQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com