Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC121S101QCMKX Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC121S101QCMKX
Description  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QCMKX Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC121S101QCMKX Datasheet HTML 2Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 3Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 4Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 5Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 6Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 7Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 8Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 9Page - Texas Instruments DAC121S101QCMKX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
DAC121S101, DAC121S101-Q1
SNAS265J – JUNE 2005 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 48 to 4047. All limits are for TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(1)
MAX
(1)
UNIT
VA = 3 V
−0.7
ppm/°C
TC GE
Gain Error Tempco
VA = 5 V
−1
ppm/°C
OUTPUT CHARACTERISTICS
Output Voltage Range
(2)
TMIN ≤ TA ≤ TMAX
0
VA
V
VA = 3 V, IOUT = 10 µA
1.8
mV
VA = 3 V, IOUT = 100 µA
5
mV
ZCO
Zero Code Output
VA = 5 V, IOUT = 10 µA
3.7
mV
VA = 5 V, IOUT = 100 µA
5.4
mV
VA = 3 V, IOUT = 10 µA
2.997
V
VA = 3 V, IOUT = 100 µA
2.99
V
FSO
Full Scale Output
VA = 5 V, IOUT = 10 µA
4.995
V
VA = 5 V, IOUT = 100 µA
4.992
V
RL = ∞
1500
pF
Maximum Load Capacitance
RL = 2 kΩ
1500
pF
DC Output Impedance
1.3
Ohm
VA = 5 V, VOUT = 0 V,
−63
mA
Input code = FFFh
VA = 3 V, VOUT = 0 V,
−50
mA
Input code = FFFh
IOS
Output Short Circuit Current
VA = 5 V, VOUT = 5 V,
74
mA
Input code = 000h
VA = 3 V, VOUT = 3 V,
53
mA
Input code = 000h
LOGIC INPUT
IIN
Input Current
(2)
TMIN ≤ TA ≤ TMAX
±1
µA
VA = 5 V
0.8
V
TMIN ≤ TA ≤ TMAX
VIL
Input Low Voltage
(2)
VA = 3 V
0.5
V
TMIN ≤ TA ≤ TMAX
VA = 5 V
2.4
V
TMIN ≤ TA ≤ TMAX
VIH
Input High Voltage
(2)
VA = 3 V
2.1
V
TMIN ≤ TA ≤ TMAX
CIN
Input Capacitance
(2)
TMIN ≤ TA ≤ TMAX
3
pF
POWER REQUIREMENTS
TA = 25°C
260
VA = 5.5 V
µA
TMIN ≤ TA ≤ TMAX
312
Normal Mode
fSCLK = 30 MHz
TA = 25°C
177
VA = 3.6 V
µA
TMIN ≤ TA ≤ TMAX
217
TA = 25°C
224
VA = 5.5 V
µA
TMIN ≤ TA ≤ TMAX
279
Normal Mode
fSCLK = 20 MHz
TA = 25°C
158
VA = 3.6 V
µA
TMIN ≤ TA ≤ TMAX
197
VA = 5.5 V
153
µA
Supply Current (output
Normal Mode
IA
unloaded)
fSCLK = 0
VA = 3.6 V
118
µA
VA = 5 V
84
µA
All PD Modes,
fSCLK = 30 MHz
VA = 3 V
42
µA
VA = 5 V
56
µA
All PD Modes,
fSCLK = 20 MHz
VA = 3 V
28
µA
TA = 25°C
0.07
VA = 5.5 V
µA
TMIN ≤ TA ≤ TMAX
1
All PD Modes,
fSCLK = 0
(2)
TA = 25°C
0.04
VA = 3.6 V
µA
TMIN ≤ TA ≤ TMAX
1
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC121S101 DAC121S101-Q1


Similar Part No. - DAC121S101QCMKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QCMKX NSC-DAC121S101QCMKX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Similar Description - DAC121S101QCMKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com