Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1304M25 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1304M25
Description  High-Precision Reinforced Isolated Delta-Sigma Modulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1304M25 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1304M25 Datasheet HTML 7Page - Texas Instruments AMC1304M25 Datasheet HTML 8Page - Texas Instruments AMC1304M25 Datasheet HTML 9Page - Texas Instruments AMC1304M25 Datasheet HTML 10Page - Texas Instruments AMC1304M25 Datasheet HTML 11Page - Texas Instruments AMC1304M25 Datasheet HTML 12Page - Texas Instruments AMC1304M25 Datasheet HTML 13Page - Texas Instruments AMC1304M25 Datasheet HTML 14Page - Texas Instruments AMC1304M25 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
AMC1304L05, AMC1304L25, AMC1304M05, AMC1304M25
www.ti.com
SBAS655C – SEPTEMBER 2014 – REVISED SEPTEMBER 2015
7.8 Regulatory Information
VDE
UL, cUL
Recognized under UL1577 component recognition and CSA
Certified according to DIN V VDE V 0884-10
component acceptance NO 5 programs
File number: 40040142
File number: E181974
7.9 IEC Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output (I/O) circuitry. A
failure of the I/O circuitry can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient
power to overheat the die and damage the isolation barrier, potentially leading to secondary system failures.
The safety-limiting constraint is the operating virtual junction temperature range specified in the Absolute Maximum Ratings
table. The power dissipation and junction-to-air thermal impedance of the device installed in the application hardware
determine the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that of
a device installed in the JESD51-7, High-K Test Board for Leaded Surface-Mount Packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the power times the
junction-to-air thermal resistance.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
θJA = 80.2°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
90
mA
TC
Maximum case temperature
150
°C
7.10 IEC 61000-4-5 Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIOSM
Surge immunity
1.2-µs rise time and 50-
μs fall time, voltage surge
±10000
V
7.11 Isolation Characteristics
PARAMETER
TEST CONDITIONS
AMC1304
UNIT
AC voltage (bipolar or unipolar)
1000
VRMS
VIORM
Maximum working insulation voltage
DC voltage
1500
VDC
t = 1 s (100% production test),
VPD(t)
Partial discharge test voltage
3977
VPEAK
partial discharge < 5 pC
t = 60 s (qualification test)
7000
VIOTM
Transient overvoltage
VPEAK
t = 1 s (100% production test)
8400
RIO
Isolation resistance
VIO = 500 V
>109
7.12 Package Characteristics
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (clearance)
Shortest pin to pin distance through air
8
mm
Minimum external tracking
Shortest pin-to-pin distance across the package
L(I02)
8
mm
(creepage)
surface
Tracking resistance
IEC: DIN EN 60112 (VDE 0303-11) and UL:
CTI
600
V
(comparative tracking index)
ASTM D3638-12
Minimum internal gap
Distance through the double insulation
0.027
mm
(internal clearance)
(2 × 0.0135 mm)
PD
Pollution degree
2
Degrees
Barrier capacitance input to
CIO
VIN = 0.8 VPP at 1 MHz
1.2
pF
output
(1)
Creepage and clearance requirements must be applied according to the specific equipment isolation standards of a specific application.
Care must be taken to maintain the creepage and clearance distance of the board design to ensure that the mounting pads of the
isolator on the printed circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal according to
the measurement techniques described in the Isolation Glossary section. Techniques such as inserting grooves or ribs on the PCB are
used to help increase these specifications.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC1304L05 AMC1304L25 AMC1304M05 AMC1304M25


Similar Part No. - AMC1304M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304M25 TI1-AMC1304M25 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304M25-Q1 TI1-AMC1304M25-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304M25QDWQ1 TI1-AMC1304M25QDWQ1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304M25QDWRQ1 TI1-AMC1304M25QDWRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
More results

Similar Description - AMC1304M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com