Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM15851NKET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM15851NKET
Description  Ultra-Wideband RF Sampling Subsystem
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM15851NKET Datasheet(HTML) 1 Page - Texas Instruments

  LM15851NKET Datasheet HTML 1Page - Texas Instruments LM15851NKET Datasheet HTML 2Page - Texas Instruments LM15851NKET Datasheet HTML 3Page - Texas Instruments LM15851NKET Datasheet HTML 4Page - Texas Instruments LM15851NKET Datasheet HTML 5Page - Texas Instruments LM15851NKET Datasheet HTML 6Page - Texas Instruments LM15851NKET Datasheet HTML 7Page - Texas Instruments LM15851NKET Datasheet HTML 8Page - Texas Instruments LM15851NKET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
20
40
60
80
100
120
Frequency (MHz)
C002
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM15851
SLAS990D – JANUARY 2014 – REVISED JULY 2015
LM15851 Ultra-Wideband RF Sampling Subsystem
1 Features
2 Applications
1
Excellent Noise and Linearity up to and beyond
Wireless Infrastructure
FIN = 3 GHz
RF-Sampling Software Defined Radio
Configurable DDC
Wideband Microwave Backhaul
Decimation Factors from 4 to 32 (Complex
DOCSIS / Cable Infrastructure
Baseband Out)
3 Description
Usable Output Bandwidth of 800 MHz at
4x Decimation and 4000 MSPS
The LM15851 device is a wideband sampling and
digital tuning device. Texas Instruments' giga-sample
Usable Output Bandwidth of 100 MHz at
analog-to-digital converter (ADC) technology enables
32x Decimation and 4000 MSPS
a large block of frequency spectrum to be sampled
Low Pin-Count JESD204B Subclass 1 Interface
directly at RF. An integrated DDC (Digital Down
Automatically Optimized Output Lane Count
Converter)
provides
digital
filtering
and
down-
conversion. The selected frequency block is made
Embedded Low Latency Signal Range Indication
available on a JESD204B serial interface. Data is
Low Power Consumption
output as baseband 15-bit complex information for
Key Specifications
ease of downstream processing. Based on the digital
down-converter (DDC) decimation and link output
Max Sampling Rate: 4000 MSPS
rate settings, this data is output on 1 to 5 lanes of the
Min Sampling Rate: 1000 MSPS
serial interface.
DDC Output Word Size: 15-Bit Complex (30
The LM15851 device is available in a 68-pin VQFN
bits total)
package. The device operates over the Industrial
IMD3:
−64 dBc (FIN = 2140 MHz ± 30 MHz at
(–40°C
≤ TA ≤ 85°C) ambient temperature range.
−13 dBFS)
FPBW (–3 dB): 3.2 GHz
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Supply Voltages: 1.9 V and 1.2 V
LM15851
VQFN (68)
10.00 mm × 10.00 mm
Power Consumption
(1) For all available packages, see the orderable addendum at
Decimate by 10 (4000 MSPS): 2 W
the end of the datasheet.
Power Down Mode: <50 mW
Decimate by 16 — Spectral Response
ƒS = 4 GHz, FIN = 1897 MHz at –1 dBFS, ƒ(NCO_x) = 1827 MHz
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM15851NKET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
More results

Similar Description - LM15851NKET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
   Ultra Low Power Audio Subsystem
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com